Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 73Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 74Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 75Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 76Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 77Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 78Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 79Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 80Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
62
Jitter Characteristics
The TJAT Block provides excellent jitter tolerance and jitter attenuation while generating minimal
residual jitter. It can accommodate up to 61 UIpp of input jitter at jitter frequencies above 5.7 Hz
(7.6 Hz for E1). For jitter frequencies below 5.7 Hz (7.6 Hz for E1), more correctly called wander,
the tolerance increases 20 dB per decade. In most applications the TJAT Block will limit jitter
tolerance at lower jitter frequencies only. For high frequency jitter, above 10 kHz for example,
other factors such as clock and data recovery circuitry may limit jitter tolerance and must be
considered. For low frequency wander, below 10 Hz for example, other factors such as slip buffer
hysteresis may limit wander tolerance and must be considered. The TJAT block meets the
stringent low frequency jitter tolerance requirements of AT&T TR 62411 and thus allows
compliance with this standard and the other less stringent jitter tolerance standards cited in the
references.
The corner frequency in the jitter transfer response can be altered through programming.
TJAT exhibits negligible jitter gain for jitter frequencies below 5.7 Hz (7.6 Hz for E1), and
attenuates jitter at frequencies above 5.7 Hz (7.6 Hz for E1) by 20 dB per decade. In most
applications, the TJAT block will determine jitter attenuation for higher jitter frequencies only.
Wander, below 10 Hz for example, will essentially be passed unattenuated through TJAT. Jitter,
above 10 Hz for example, will be attenuated as specified, however, outgoing jitter may be
dominated by the generated residual jitter in cases where incoming jitter is insignificant. This
generated residual jitter is directly related to the use of a 1/96 UI phase adjustment quantum.
TJAT meets the jitter attenuation requirements of AT&T TR 62411. The block allows the implied
jitter attenuation requirements for a TE or NT1 given in ANSI Standard T1.408, and the implied
jitter attenuation requirements for a type II customer interface given in ANSI T1.403 to be met.
Jitter Tolerance
Jitter tolerance is the maximum input phase jitter at a given jitter frequency that a device can
accept without exceeding its linear operating range, or corrupting data. For TJAT, the input jitter
tolerance is 61 Unit Intervals peak-to-peak (UIpp) with a worst case frequency offset of 354 Hz. It
is 80 UIpp with no frequency offset. The frequency offset is the difference between the frequency
of XCLK and that of the input data clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com