Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
33
9
FUNCTIONAL DESCRIPTION
9.1
Quadrants
The COMET-QUAD’s four E1/T1 transceivers/framers operate independently and can be
configured to operate uniquely. The COMET-QUAD transceiver/framers (or quadrants) do share a
common XCLK crystal clock input and internal clock synthesizer; hence a single CSU
Configuration register is present and all quadrants share a common E1/T1B mode register bit.
When an H-MVIP interface is enabled, the interface interacts with all four quadrants, and hence
some common settings are required.
9.2
Receive Interface
The analog receive interface is configurable to operate in both E1 and T1 short-haul and long-haul
applications. Short-haul T1 is defined as transmission over less than 655 ft of cable. Short-haul
E1 is defined as transmission on any cable that attenuates the signal by less than 6 dB.
For long-haul signals, unequalized long- or short-haul bipolar alternate mark inversion (AMI)
signals are received as the differential voltage between the RXTIP and RXRING inputs. The
COMET-QUAD typically accepts unequalized signals that are attenuated for both T1 and E1
signals and are non-linearly distorted by typical cables.
For short-haul, the slicing threshold is set to a fraction of the input signal’s peak amplitude, and
adapts to changes in this amplitude. The slicing threshold is programmable, but is typically 67%
and 50% for DSX-1 and E1 applications, respectively. Abnormally low input signals are detected
when the input level is below a programmable threshold, which is typically 140 mV for E1 and
105 mV for T1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com