Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
2
•
Uses line rate system clock.
•
Provides an IEEE P1149.1 (JTAG) compliant test access port (TAP) and controller for boundary scan
test.
•
Implemented in a low power 5 V tolerant 2.5/3.3 V CMOS technology.
•
Available in a high density 208-pin fine pitch PBGA (17 mm by 17 mm) package.
•
Provides a -40°C to +85°C Industrial temperature operating range.
1.1
Receiver section:
•
Typical signal recovery of up to -43dB at 1024kHz (E1) and up to -44dB at 772kHz (T1/J1).
1
•
Guaranteed minimum signal recovery of -32dB at 1024kHz (E1) and -36dB at 772kHz (T1/J1).
1
•
Recovers clock and data using a digital phase locked loop for high jitter tolerance.
•
Frames to ITU-T G.704 basic and CRC-4 multiframe formatted E1 signals. The framing procedures
are consistent ITU-T G.706 specifications.
•
Frames to DSX/DS-1 signals in SF and ESF formats.
•
Frames to TTC JT-G704 multiframe formatted J1 signals. Supports the alternate CRC-6 calculation
for Japanese applications. Frames in the presence of and detects the “Japanese Yellow” alarm.
•
Tolerates more than 0.3 UI peak-to-peak, high frequency jitter as required by AT&T TR 62411 and
Bellcore TR-TSY-000170.
•
Detects violations of the ANSI T1.403 12.5% pulse density rule over a moving 192-bit window.
•
Provides loss of signal detection as per ITU-T G.775 and ANSI T1.231. Red, Yellow, and AIS alarm
detection and integration are according to ANSI T1.231 specifications.
•
Provides programmable in-band loopback activate and deactivate code detection.
•
Supports line and path performance monitoring according to AT&T and ANSI specifications.
Accumulators are provided for counting ESF CRC-6 errors, framing bit errors, line code violations and
loss of frame or change of frame alignment events.
•
Provides performance monitoring counters sufficiently large as to allow performance monitor counter
polling at a minimum rate of once per second. Optionally, updates the performance monitoring
counters and interrupts the microprocessor once per second, timed to the receive line.
1 Based on actual results using PIC-22 gauge cable emulation. Refer to the COMET-QUAD Evaluator
Board for design recommendations (PMC-1991237).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com