Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 91Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 92Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
77
Register 000H, 100H, 200H, 300H: Global Configuration
Bit
Type
Function
Default
Bit 7
R/W
PIO_OE
0
Bit 6
R/W
PIO
0
Bit 5
R/W
IBCD_IDLE
0
Bit 4
R/W
RSYNC_ALOSB
0
Bit 3
R/W
OOSMFAIS
0
Bit 2
R/W
TRKEN
0
Bit 1
R/W
RXMTKC
0
Bit 0
R/W
E1/T1B
0
PIO_OE:
The programmable I/O output enable, PIO_OE, bit controls the PIO pin. When PIO_OE is
logic 1, the PIO pin is configured as an output and driven by the COMET-QUAD. When
PIO_OE is logic 0, the PIO pin is configured as an input. Upon reset, the PIO pin is
configured as an input.
PIO_OE is only defined for Register 000H. In Registers 100H, 200H, and 300H the bit is
unused, and the Default value is ‘X’.
PIO:
The programmable I/O, PIO, bit controls/reflects the state of the PIO pin. When the PIO pin is
configured as an output, the PIO bit controls the state of the PIO pin. When the PIO pin is
configured as an input, the PIO bit reflects the state of the PIO pin. Upon reset, the PIO pin is
an input.
PIO is only defined for Register 000H. In Registers 100H, 200H, and 300H the bit is unused,
and the Default value is ‘X’.
OOSMFAIS:
In E1 mode, this bit controls the quadrant receive backplane signaling trunk conditioning in an
out of signaling multiframe condition. If OOSMFAIS is set to a logic 0, an OOSMF indication
from the E1-FRMR does not affect the BRSIG[x] or CASBRD output of the quadrant. When
OOSMFAIS is a logic 1, an OOSMF indication from the E1-FRMR will cause the BRSIG[x] or
CASBRD output of the quadrant to be set to all 1's.
RSYNC_ALOSB:
The RSYNC_ALOSB bit controls the source of the loss of signal condition used to control the
behaviour of the receive reference presented on the RSYNC. If RSYNC_ALOSB is a logic 0,
analog loss of signal is used. If RSYNC_ALOSB is a logic 1, digital loss of signal is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com