Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 53Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 54Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 55Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
38
Figure 7:
- Compliance with ITU-T Specification G.823 for E1 Input Jitter
10
10
10
34
5
SINEWAVE JITTER FREQUENCY, Hz - LOG SCALE
10
1
0.1
1.5
1.8
2.4
IN SPEC
REGION
REC. G823
JITTER
TOLERANCE
SPECIFICATION
0.2
SINEWAVE
JITTER
AMPLITUDE
P. TO P. (UI)
LOG SCALE
DPLL TOLERANCE
WITH HDB3 ENCODED
2 -1 PRBS
15
DPLL TOLERANCE
WITH AMI ENCODED
2 -1 PRBS
15
9.4
Receive Jitter Attenuator (RJAT)
The Receive Jitter Attenuator (RJAT) digital PLL attenuates the jitter present on the
RXTIP/RXRING inputs. The attenuation is only performed when the RJATBYP register bit is a
logic 0.
The jitter characteristics of the Receive Jitter Attenuator (RJAT) are the same as the Transmit
Jitter Attenuator (TJAT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com