Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 82Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
71
Addr
Addr
Addr
Addr
Register
044H
144H
244H
344H
BTIF Transmit Backplane Bit Offset Register
045H-
047H
145H-
147H
245H-
247H
345H-
347H
BTIF Transmit Backplane Reserved
048H
148H
248H
348H
T1-FRMR Configuration
049H
149H
249H
349H
T1-FRMR Interrupt Enable
04AH
14AH
24AH
34AH
T1-FRMR Interrupt Status
04BH
14BH
24BH
34BH
Reserved
04CH
14CH
24CH
34CH
IBCD Configuration
04DH
14DH
24DH
34DH
IBCD Interrupt Enable/Status
04EH
14EH
24EH
34EH
IBCD Activate Code
04FH
14FH
24FH
34FH
IBCD Deactivate Code
050H
150H
250H
350H
SIGX Configuration/Change of Signaling State
051H
151H
251H
351H
SIGX µP Access Status/Change of Signaling State
052H
152H
252H
352H
SIGX Channel Indirect Address/Control/ Change of Signaling
State
053H
153H
253H
353H
SIGX Channel Indirect Data Buffer/Change of Signaling
State
054H
154H
254H
354H
T1 XBAS Configuration
055H
155H
255H
355H
T1 XBAS Alarm Transmit
056H
156H
256H
356H
T1 XIBC Control
057H
157H
257H
357H
T1 XIBC Loopback Code
058H
158H
258H
358H
PMON Interrupt Enable/Status
059H
159H
259H
359H
PMON Framing Bit Error Count
05AH
15AH
25AH
35AH
PMON OOF/COFA/Far End Block Error Count (LSB)
05BH
15BH
25BH
35BH
PMON OOF/COFA/Far End Block Error Count (MSB)
05CH
15CH
25CH
35CH
PMON Bit Error/CRCE Count (LSB)
05DH
15DH
25DH
35DH
PMON Bit Error/CRCE Count (MSB)
05EH
15EH
25EH
35EH
PMON LCV Count (LSB)
05FH
15FH
25FH
35FH
PMON LCV Count (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com