Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM4354-PI Datasheet HTML 1Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 2Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 3Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 4Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 5Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 6Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 7Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 8Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
iii
12.1
CONFIGURING THE COMET-QUAD FROM RESET ..................................... 331
12.2
SERVICING INTERRUPTS.............................................................................. 338
12.3
USING THE PERFORMANCE MONITORING FEATURES ............................ 338
12.4
USING THE INTERNAL HDLC TRANSMITTER.............................................. 343
12.5
USING THE INTERNAL HDLC RECEIVER ..................................................... 346
12.6
T1 AUTOMATIC PERFORMANCE REPORT FORMAT .................................. 350
12.7
USING THE TRANSMIT LINE PULSE GENERATOR ..................................... 352
12.8
USING THE LINE RECEIVER.......................................................................... 372
12.9
USING THE PRBS GENERATOR AND DETECTOR ...................................... 381
12.10
USING THE PER-CHANNEL SERIAL CONTROLLERS AND SIGX ............... 381
12.10.1 INITIALIZATION .................................................................................. 381
12.10.2 DIRECT ACCESS MODE.................................................................... 382
12.10.3 INDIRECT ACCESS MODE ................................................................ 382
12.11
T1/E1 FRAMER LOOPBACK MODES............................................................. 383
12.11.1 LINE LOOPBACK................................................................................ 383
12.11.2 PAYLOAD LOOPBACK ....................................................................... 383
12.11.3 PER-CHANNEL LOOPBACK .............................................................. 384
12.11.4 DIAGNOSTIC DIGITAL LOOPBACK................................................... 385
12.12
RSYNC GENERATION .................................................................................... 385
12.13
BACKPLANE CONFIGURATION ..................................................................... 386
12.13.1 RECEIVE CLOCK MASTER: FULL T1/E1 MODE SETTINGS ........... 387
12.13.2 RECEIVE CLOCK MASTER: NX64KBIT/S MODE SETTINGS.......... 388
12.13.3 RECEIVE CLOCK MASTER: CLEAR CHANNEL MODE SETTINGS 388
12.13.4 RECEIVE CLOCK SLAVE: FULL T1/E1 MODE SETTINGS............... 389
12.13.5 RECEIVE CLOCK SLAVE: H-MVIP MODE SETTINGS...................... 389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com