Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 28Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 29Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 30Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
17
Pin Name
Type
Pin No. Function
BRFP[1]
BRFP[2]
BRFP[3]
BRFP[4]
I/O
E4
G14
R1
P15
Backplane Receive Frame Pulse (BRFP[1:4]). When the Receive Clock
Master mode is active, BRFP[x] is configured as an output and indicates the
frame alignment or the superframe alignment of the backplane receive
stream, BRPCM[x]. BRFP[x] is updated on the active edge of BRCLK[x].
Receive Clock Master T1 mode:
If basic frame alignment is desired, BRFP[x] pulses high for one BRCLK[x]
cycle during bit 1 of each 193-bit frame. Optionally, BRFP[x] may pulse high
every second frame to ease the identification of data link bits. If superframe
alignment is desired, BRFP[x] pulses high for one BRCLK[x] cycle during bit
1 of frame 1 of every 12-frame or 24-frame superframe. Optionally, BRFP[x]
may pulse high every second superframe to ease the conversion between SF
and ESF.
Receive Clock Master E1 mode:
If basic frame alignment is desired, BRFP[x] pulses high for one BRCLK[x]
cycle during bit 1 of each 256-bit frame. Optionally, BRFP[x] may pulse high
every second frame to ease the identification of NFAS frames. If multiframe
alignment is desired, BRFP[x] transitions high to mark bit 1 of frame 1 of
every 16-frame signaling multiframe and transitions low following bit 1 of
frame 1 of every 16-frame CRC multiframe. Note that if the signaling and
CRC multiframe alignments are coincident, BRFP[x] pulses high for one
BRCLK[x] cycle every 16 frames.
Receive Clock Slave mode:
When the elastic store is enabled (and Clock Slave mode is active on the
backplane receive side), BRFP[x] is configured as an input and is used to
frame align the backplane receive data to the system frame alignment.
When frame alignment is required, a pulse at least 1 BRCLK[x] cycle wide
must be provided on BRFP[x] a maximum of once every frame (193 bit times
in T1, 256 bit times in E1). BRFP[x] is sampled on the active edge of
BRCLK[x].
When in the Receive Clock Master: Clear Channel or Receive Clock Slave:
H-MVIP mode, BRFP[x] is unused and it is recommended that BRFP[x] be
configured as an input and be connected via an external resistor to ground.
After a reset, BRFP[x] is configured as an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com