Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Pin Name
Type
Pin No. Function
BTFP[1]
BTFP[2]
BTFP[3]
BTFP[4]
I/O
H4
H14
M1
N13
Backplane Transmit Frame Pulse (BTFP[1:4]). When BTFP[x] is
configured as an input, and may be used to frame align the transmitters to
the system backplane.
T1 mode:
If only frame alignment is required, a pulse at least one BTCLK[x] cycle wide
must be provided on BTFP[x] at multiples of 193 bit periods. If superframe
alignment is required, transmit superframe alignment must be enabled, and
BTFP[x] must be brought high for at least one BTCLK[x] cycle to mark bit 1
of frame 1 of every 12-frame or 24-frame superframe.
E1 mode:
If basic frame alignment only is required, a pulse at least one BTCLK[x] cycle
wide must be provided on BTFP[x] at multiples of 256 bit periods. If
multiframe alignment is required, transmit multiframe alignment must be
enabled, and BTFP[x] must be brought high to mark bit 1 of frame 1 of every
16-frame signaling multiframe and brought low following bit 1 of frame 1 of
every 16-frame CRC multiframe. This mode allows both multiframe
alignments to be independently controlled using the single BTFP[x] signal.
Note that if the signaling and CRC multiframe alignments are coincident,
BTFP[x] must pulse high for one BTCLK[x] cycle every 16 frames.
When BTFP[x] is configured as an output (only valid when the transmit
backplane clock rate is no greater than 2.048 MHz), transmit frame
alignment is derived internally, and BTFP[x] is updated on the active edge of
BTCLK[x]. BTFP[x] pulses high for one cycle to indicate the first bit of each
frame or multiframe, as optioned.
When in Transmit Clock Slave: H-MVIP mode, BTFP[x] is configured as an
input and is unused. In this mode, it is recommended that BTFP[x] be
connected via an external resistor to ground.
After a reset, BTFP[x] is configured as an input.
BTPCM[1] /
CASBTD
BTPCM[2]
BTPCM[3]
BTPCM[4]
Input
F4
H13
M4
M16
Backplane Transmit Data (BTPCM[1:4]). The non-return to zero, digital
backplane transmit data streams to be transmitted are input on these pins.
BTPCM[x] may present a 1.544 Mbit/s, 2.048 Mbit/s or sub-rate Nx64Kbit/s
data stream. BTPCM[x] is sampled on the active edge of BTCLK[x].
BTPCM[2:4] are unused in Transmit Clock Slave: H-MVIP mode. BTPCM[1]
shares the same pin as the Transmit Clock Slave: H-MVIP Channel
Associated Signaling pin, CASBTD. By default this input is BTPCM[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com