Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 67Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 68Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 69Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 71Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 72Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 73Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 74Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
56
In Transmit Clock Slave: Full T1/E1 mode, the backplane transmit interface is clocked by the
backplane transmit clock (BTCLK[x]). The transmitter is either frame-aligned or superframe-
aligned to the backplane transmit frame pulse (BTFP[x]). BTFP[x] is configurable to indicate the
frame alignment or the superframe alignment of BTPCM[x]. BTSIG[x] contain the signaling data to
be inserted into Transmit Data[x], with the four least significant bits of each channel on BTSIG[x]
representing the signaling state (ABCD or ABAB). BTCLK[x] can be enabled to be either a 1.544
MHz clock for T1 links or a 2.048 MHz clock for T1 and E1 links.
Figure 19:
- Transmit Clock Slave: Clear Channel
TJAT
FIFO
TRANSMITTER
Transmit Data[1:4]
BTCLK[1:4]
BTPCM[1:4]
TJAT
Digital PLL
Transmit CLK[1:4]
BTPCM[x] Timed
to BTCLK[x]
BTIF
Backplane
Transmit
System
Interface
In Transmit Clock Slave: Clear Channel mode, the backplane transmit interface is clocked by the
externally provided backplane transmit clock (BTCLK[x]). BTCLK[x] must be a 1.544 MHz clock
for T1 links or a 2.048 MHz clock for E1 links. The Transmit Clock[x] is a jitter attenuated version
of BTCLK[x].
Figure 20:
- Transmit Clock Slave: H-MVIP
CMV8MCLK
CMVFPC
MVBTD
CCSBTD
Inputs Timed
to CMV8MCLK
CMVFPB
CASBTD
TJAT
FIFO
T1-XBAS/E1-TRAN
BasicTransmitter:
Frame Generation,
Alarm Insertion,
Signaling Insertion,
Trunk Conditioning
Line Coding
TRANSMITTER
Transmit Data[1:4]
TJAT
Digital PLL
Transmit CLK[1:4]
BTIF
Backplane
Transmit
System
Interface
When Transmit Clock Slave: H-MVIP mode is enabled, a 8.192 Mbit/s H-MVIP backplane transmit
interface multiplexes up to 128 channels from 4 T1’s or E1’s, up to 128 Channel Associated
Signaling (CAS) channels from 4 T1’s or E1’s and Common Channel Signaling (CCS) from up to
4 T1’s or E1’s. The H-MVIP interface uses common clocks, CMV8MCLK and CMVFPC, and
frame pulse, CMVFPB, for synchronization.
The H-MVIP data signal, MVBTD, provides H-MVIP access to 128 data channels.
A separate H-MVIP signal, CASBTD, provides access to the Channel Associated Signaling (CAS)
for 128 channels. The CAS H-MVIP signal is time division multiplexed exactly the same way as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com