Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
72
Addr
Addr
Addr
Addr
Register
060H
160H
260H
360H
T1 ALMI Configuration
061H
161H
261H
361H
T1 ALMI Interrupt Enable
062H
162H
262H
362H
T1 ALMI Interrupt Status
063H
163H
263H
363H
T1 ALMI Alarm Detection Status
064H
164H
264H
364H
T1 PDVD Reserved
065H
165H
265H
365H
T1 PDVD Interrupt Enable/Status
066H
166H
266H
366H
T1 XBOC Control
067H
167H
267H
367H
T1 XBOC Code
068H
168H
268H
368H
T1 XPDE Reserved
069H
169H
269H
369H
T1 XPDE Interrupt Enable/Status
06AH
16AH
26AH
36AH
T1 RBOC Enable
06BH
16BH
26BH
36BH
T1 RBOC Code Status
06CH
16CH
26CH
36CH
TPSC Configuration
06DH
16DH
26DH
36DH
TPSC µP Access Status
06EH
16EH
26EH
36EH
TPSC Channel Indirect Address/Control
06FH
16FH
26FH
36FH
TPSC Channel Indirect Data Buffer
070H
170H
270H
370H
RPSC Configuration
071H
171H
271H
371H
RPSC µP Access Status
072H
172H
272H
372H
RPSC Channel Indirect Address/Control
073H
173H
273H
373H
RPSC Channel Indirect Data Buffer
074H-
077H
174H-
177H
274H-
277H
374H-
377H
Reserved
078H
178H
278H
378H
T1 APRM Configuration/Control
079H
179H
279H
379H
T1 APRM Reserved
07AH
17AH
27AH
37AH
T1 APRM Interrupt Status
07BH
17BH
27BH
37BH
T1 APRM One Second Content Octet 2
07CH
17CH
27CH
37CH
T1 APRM One Second Content Octet 3
07DH
17DH
27DH
37DH
T1 APRM One Second Content Octet 4
07EH
17EH
27EH
37EH
T1 APRM One Second Content MSB (Octet 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com