Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
34
Figure 5
- External Analog Interface Circuits
TXTIP1
TXTIP2
TV REF
TXRING1
RXTIP
TXRING2
RXRING
ATB
One of Four
T1 or E1 Transceiver / Framers
Figure 5 gives the recommended external protection circuitry for designs required to meet the
major surge immunity and electrical safety standards including FCC Part 68, UL1950, and
Bellcore TR-NWT-001089. Standards compliance testing of this circuitry has not completed as of
the date of publication of this document.
For systems not requiring phantom feed or inter-building line protection, the Bi-directional
Transient Surge Suppressors (Z1-Z4), their associated ground connection and the center tap of
the transformer can be removed from the circuit.
See Table 1 for the descriptions of components for Figure 5. See Table 2 for the descriptions of
values for the transformer turns ratio, n, Rt1 and Rt2 for Figure 5.
Note that the crowbar devices (Z1 – Z4) are not required if the transformer’s isolation rating is not
exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com