Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 79Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 80Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 81Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 82Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 83Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 84Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 85Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
68
10
NORMAL MODE REGISTER DESCRIPTION
Normal mode registers are used to configure and monitor the operation of the COMET-QUAD.
The Register Memory Map in Table 4 below shows where the normal mode registers are
accessed. The registers are organized so that backward software compatibility with existing PMC
devices is optimized. The COMET-QUAD contains 1 set of master configuration, H-MVIP, and
CSU registers and 4 sets of T1/E1 Framer registers. Where only 1 set is present, the registers
apply to the entire device. Where 4 sets are present, the registers apply to a single quadrant of
the COMET-QUAD. By convention, where 4 sets of registers are present, address space 000H –
0FFH applies to quadrant #1, 100H – 1FFH applies to quadrant #2, 200H – 2FFH applies to
quadrant #3, and 300H – 3FFH applies to quadrant #4.
On reset the COMET-QUAD defaults to T1 mode. For proper operation some register
configuration is expected. System side access defaults to the serial clock and data signals. By
default interrupts will not be enabled, and automatic alarm generation is disabled.
Notes on Normal Mode Register Bits:
1. Writing values into unused register bits has no effect. Reading back unused bits can produce
either a logic 1 or a logic 0; hence, unused register bits should be masked off by software
when read.
2. All configuration bits that can be written into can also be read back. This allows the processor
controlling the COMET-QUAD to determine the programming state of the chip.
3. Writeable normal mode register bits are cleared to zero upon reset unless otherwise noted.
4. Writing into read-only normal mode register bit locations does not affect COMET-QUAD
operation unless otherwise noted.
5. Certain register bits are reserved. These bits are associated with functions that are unused in
this application. To ensure that the COMET-QUAD operates as intended, reserved register
bits must only be written with their default values unless otherwise stated. Similarly, writing to
reserved registers should be avoided unless otherwise stated.
10.1 Normal Mode Register Memory Map
Table 4 - Normal Mode Register Memory Map
Addr
Addr
Addr
Addr
Register
000H
100H
200H
300H
Global Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com