Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 225 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 225 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 221Page - PMC-Sierra, Inc PM7347 Datasheet HTML 222Page - PMC-Sierra, Inc PM7347 Datasheet HTML 223Page - PMC-Sierra, Inc PM7347 Datasheet HTML 224Page - PMC-Sierra, Inc PM7347 Datasheet HTML 225Page - PMC-Sierra, Inc PM7347 Datasheet HTML 226Page - PMC-Sierra, Inc PM7347 Datasheet HTML 227Page - PMC-Sierra, Inc PM7347 Datasheet HTML 228Page - PMC-Sierra, Inc PM7347 Datasheet HTML 229Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
225
Document ID: PMC-1990267, Issue 3
Register 392H: TTB Indirect Address
Bit
Type
Function
Default
Bit 7
R/W
RWB
0
Bit 6
R/W
A[6]
0
Bit 5
R/W
A[5]
0
Bit 4
R/W
A[4]
0
Bit 3
R/W
A[3]
0
Bit 2
R/W
A[2]
0
Bit 1
R/W
A[1]
0
Bit 0
R/W
A[0]
0
A[6:0]
The indirect read address bits (A[6:0]) indexes into the trail trace identifier buffers. When
RRAMACC is set high, decimal addresses 0 to 63 reference the receive capture page while
addresses 64 to 127 reference the receive expected page. The receive capture page contains
the identifier bytes extracted from the receive G.832 E3 stream. The receive expected page
contains the expected trace identifier message downloaded from the microprocessor. When
RRAMACC is set low, decimal addresses 0 to 63 reference the transmit message buffer
which contains the identifier message to be inserted in the TR bytes of the G.832 E3 transmit
stream. In this case A[6] is a don't care (for example, address 0 and address 64 are indexes to
the same location in the buffer). Note: Only the first 16 addresses need to be written with the
trail trace message to be transmitted.
RWB
The access control bit (RWB) selects between an indirect read or write access to the static
page of the trail trace message buffer. Writing to this indirect address register initiates an
external microprocessor access to the static page of the trail trace message buffer. When
RWB is set high, a read access is initiated. The data read is available upon completion of the
access in the TTB Indirect Data Register. When RWB is set low, a write access is initiated.
The data in the TTB Indirect Data Register will be written to the addressed location in the
static page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com