Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 229 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 229 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 225Page - PMC-Sierra, Inc PM7347 Datasheet HTML 226Page - PMC-Sierra, Inc PM7347 Datasheet HTML 227Page - PMC-Sierra, Inc PM7347 Datasheet HTML 228Page - PMC-Sierra, Inc PM7347 Datasheet HTML 229Page - PMC-Sierra, Inc PM7347 Datasheet HTML 230Page - PMC-Sierra, Inc PM7347 Datasheet HTML 231Page - PMC-Sierra, Inc PM7347 Datasheet HTML 232Page - PMC-Sierra, Inc PM7347 Datasheet HTML 233Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
229
Document ID: PMC-1990267, Issue 3
RPLDMIE
The receive payload type label mismatch interrupt enable bit (RPLDMIE) controls the
activation of the interrupt output when the comparison between received and the expected
payload type label changes state from match to mismatch and vice versa. When RPLDMIE is
set high, changes in match state activates the interrupt output. When RPLDMIE is set low,
changes from match to mismatch or mismatch to match will not generate an interrupt.
RPLDUIE
The receive payload type label unstable interrupt enable bit (RPLDUIE) controls the
activation of the interrupt output when the received payload type label changes state from
stable to unstable and vice versa. When RPLDUIE is set high, changes in stable state
activates the interrupt output. When RPLDUIE is set low, changes in the stable state will not
generate and interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com