Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 232 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 232 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 228Page - PMC-Sierra, Inc PM7347 Datasheet HTML 229Page - PMC-Sierra, Inc PM7347 Datasheet HTML 230Page - PMC-Sierra, Inc PM7347 Datasheet HTML 231Page - PMC-Sierra, Inc PM7347 Datasheet HTML 232Page - PMC-Sierra, Inc PM7347 Datasheet HTML 233Page - PMC-Sierra, Inc PM7347 Datasheet HTML 234Page - PMC-Sierra, Inc PM7347 Datasheet HTML 235Page - PMC-Sierra, Inc PM7347 Datasheet HTML 236Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
232
Document ID: PMC-1990267, Issue 3
Register 39AH: XBOC Code
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
FEAC[5]
1
Bit 4
R/W
FEAC[4]
1
Bit 3
R/W
FEAC[3]
1
Bit 2
R/W
FEAC[2]
1
Bit 1
R/W
FEAC[1]
1
Bit 0
R/W
FEAC[0]
1
FEAC[5:0]
FEAC[5:0] contain the six bit code that is transmitted on the FEAC channel (FEAC). The
transmitted code consists of a sixteen bit sequence that is repeated continuously. The
sequence consists of eight ones followed by a zero, followed by the six bit code sequence
transmitted in order FEAC0, FEAC1, .., FEAC5, followed by a zero. The all-ones sequence is
inserted in the FEAC channel when FEAC[5:0] is written with all ones.
Note: If configured for J2 transmission format (TFRM[1:0] is 10 binary) and any of LCDEN,
AISEN, OOFEN, LOSEN are set to logic one in the S/UNI-JET Data Link and FERF/RAI
Control, FEAC[5:0] in this register must all be set to logic one for proper RAI transmission
upon detection of LCD, PHYAIS, LOF, or LOS by the J2 FRMR. Otherwise, the BOC code
configured by the FEAC[5:0] bits of this register will be transmitted instead of the RAI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com