Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 233 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 233 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 229Page - PMC-Sierra, Inc PM7347 Datasheet HTML 230Page - PMC-Sierra, Inc PM7347 Datasheet HTML 231Page - PMC-Sierra, Inc PM7347 Datasheet HTML 232Page - PMC-Sierra, Inc PM7347 Datasheet HTML 233Page - PMC-Sierra, Inc PM7347 Datasheet HTML 234Page - PMC-Sierra, Inc PM7347 Datasheet HTML 235Page - PMC-Sierra, Inc PM7347 Datasheet HTML 236Page - PMC-Sierra, Inc PM7347 Datasheet HTML 237Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
233
Document ID: PMC-1990267, Issue 3
Register 39BH: S/UNI-JET Miscellaneous
Bit
Type
Function
Default
Bit 7
R/W
AISOOF
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
TPRBS
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
TCELL
0
Bit 2
R/W
LOC_RESET
0
Bit 1
R/W
FORCELOS
0
Bit 0
R/W
LINESYSCLK
0
LINESYSCLK
LINESYSCLK is used to select the high-speed system clock which the TDPR and RDLC
transmit and receive HDLC controllers use as a reference. If LINESYSCLK is set to logic
one, then the RDLC uses the receive line clock (RCLK[x]) and the TDPR uses the transmit
line clock (TICLK[x]) as its high-speed system reference clock respectively. If
LINESYSCLK is set to logic zero, the RDLC uses the receive ATM Utopia interface clock
(RFCLK) and the TDPR uses the transmit ATM Utopia interface clock (TFCLK) as its high-
speed system reference clock respectively.
The read/write access rate to the RDLC and TDPR are limited by their high-speed reference
clock frequency. Data and Configuration settings can be written into the TDPR at a maximum
rate equal to 1/8 of its high-speed reference clock frequency. Data and status indications can
be read from the TDPR at a maximum rate equal to 1/8 of its high-speed reference clock
frequency. Data and status indications can be read from the RDLC at a maximum rate equal
to 1/10 of its high-speed reference clock frequency.
Instantaneous variations in the high-speed reference clock frequencies (e.g. jitter in the
receive line clock) must be considered when determining the procedure used to read and
write the TDPR and RDLC Registers.
FORCELOS
FORCELOS is used to force a LOS condition on the transmit unipolar or bipolar data outputs
TPOS/TDATO[x] and TNEG[x]. When FORCELOS is logic one, the TPOS/TDATO[x] and
TNEG[x] outputs will be forced to logic zero. When FORCELOS is logic zero, the
TPOS/TDATO[x] and TNEG[x] outputs will operate normally.
LOC_RESET
LOC_RESET performs a software local reset of the corresponding quadrant of the S/UNI-
JET . When LOC_RESET is logic one, the corresponding quadrant of the S/UNI-JET is held
in a reset state. When LOC_RESET is logic zero, the quadrant is in normal operational mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com