Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 227 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 227 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 223Page - PMC-Sierra, Inc PM7347 Datasheet HTML 224Page - PMC-Sierra, Inc PM7347 Datasheet HTML 225Page - PMC-Sierra, Inc PM7347 Datasheet HTML 226Page - PMC-Sierra, Inc PM7347 Datasheet HTML 227Page - PMC-Sierra, Inc PM7347 Datasheet HTML 228Page - PMC-Sierra, Inc PM7347 Datasheet HTML 229Page - PMC-Sierra, Inc PM7347 Datasheet HTML 230Page - PMC-Sierra, Inc PM7347 Datasheet HTML 231Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
227
Document ID: PMC-1990267, Issue 3
Register 394H: TTB Expected Payload Type Label
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
EXPLD[2]
0
Bit 1
R/W
EXPLD[1]
0
Bit 0
R/W
EXPLD[0]
0
EXPLD[2:0]
The EXPLD[2:0] bits contain the expected payload type label bits of the G.832 E3
Maintenance and Adaptation (MA) byte. The EXPLD[2:0] bits are compared with the
received payload type label extracted from the receive stream. A payload type label mismatch
(PLDM) is declared if the received payload type bits differs from the expected payload type.
If enabled, an interrupt is asserted upon declaration and removal of PLDM.
For compatibility with old equipment that inserts 000B for unequipped or 001B for equipped,
regardless of the payload type, the receive payload type label mismatch mechanism is based
on Table 24:
Table 24 TTB Payload Type Match Configurations
Expected
Received
Action
000
000
Match
000
001
Mismatch
000
XXX
Mismatch
001
000
Mismatch
001
001
Match
001
XXX
Match
XXX
000
Mismatch
XXX
001
Match
XXX
XXX
Match
XXX
YYY
Mismatch
Note
1.
XXX, YYY = anything except 000B or 001B, and XXX is not equal to YYY.
Reserved
The reserved bits must be written to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com