Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 249 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 249 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 245Page - PMC-Sierra, Inc PM7347 Datasheet HTML 246Page - PMC-Sierra, Inc PM7347 Datasheet HTML 247Page - PMC-Sierra, Inc PM7347 Datasheet HTML 248Page - PMC-Sierra, Inc PM7347 Datasheet HTML 249Page - PMC-Sierra, Inc PM7347 Datasheet HTML 250Page - PMC-Sierra, Inc PM7347 Datasheet HTML 251Page - PMC-Sierra, Inc PM7347 Datasheet HTML 252Page - PMC-Sierra, Inc PM7347 Datasheet HTML 253Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
249
Document ID: PMC-1990267, Issue 3
12
Test Features Description
The test mode registers, shown in Table 27, are used for production and board testing.
During production testing, the test mode registers are used to apply test vectors. In this case, the
test mode registers (as opposed to the normal mode registers) are selected when A[10] is high.
During board testing, the digital output pins and the data bus are held in a high-impedance state
by simultaneously asserting (low) the CSB, RDB, and WRB inputs. All of the TSBs for the
S/UNI-JET are placed in test mode 0 so that device inputs may be read and device outputs may be
forced through the microprocessor interface. Refer to the section "Test Mode 0" for details.
Note: The S/UNI-JET supports a standard IEEE 1149.1 five-signal JTAG boundary scan test port
that can be used for board testing. All digital device inputs may be read and all digital device
outputs may be forced through this JTAG test port.
Table 27 Test Mode Register Memory Map
Address
Register
000H-3FFH
Normal Mode Registers
400H
Master Test Register
708H
SPLR Test Register 0
709H
SPLR Test Register 1
70AH
SPLR Test Register 2
70BH
Reserved
70CH
SPLT Test Register 0
70DH
SPLT Test Register 1
70EH
SPLT Test Register 2
70FH
SPLT Test Register 3
710H
PMON Test Register 0
711H
PMON Test Register 1
712H-71FH
Reserved
720H
CPPM Test Register 0
721H
CPPM Test Register 1
722H
CPPM Test Register 2
723H-72FH
Reserved
730H
DS3 FRMR Test Register 0
731H
DS3 FRMR Test Register 1
732H
DS3 FRMR Test Register 2
733H
DS3 FRMR Test Register 3
734H
DS3 TRAN Test Register 0
735H
DS3 TRAN Test Register 1
736H
DS3 TRAN Test Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com