Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 252 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 252 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 248Page - PMC-Sierra, Inc PM7347 Datasheet HTML 249Page - PMC-Sierra, Inc PM7347 Datasheet HTML 250Page - PMC-Sierra, Inc PM7347 Datasheet HTML 251Page - PMC-Sierra, Inc PM7347 Datasheet HTML 252Page - PMC-Sierra, Inc PM7347 Datasheet HTML 253Page - PMC-Sierra, Inc PM7347 Datasheet HTML 254Page - PMC-Sierra, Inc PM7347 Datasheet HTML 255Page - PMC-Sierra, Inc PM7347 Datasheet HTML 256Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
252
Document ID: PMC-1990267, Issue 3
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
436H
444H
465H
RENB
3
466H
RADR[2]
4
RADR[1]
4
RADR[0]
4
RFCLK
480H
ATM8
482H
PHY_ADR[2]
TADR[2]
1
TSOC
TENB
2
TPRTY
TFCLK
483H
PHY_ADR[1]
PHY_ADR[0]
TADR[1]
1
TADR[0]
1
484H
TDAT[15]
TDAT[14]
TDAT[13]
TDAT[12]
TDAT[11]
TDAT[10]
TDAT[9]
TDAT[8]
485H
TDAT[7]
TDAT[6]
TDAT[5]
TDAT[4]
TDAT[3]
TDAT[2]
TDAT[1]
TDAT[0]
50CH
50FH
REF8KI
530H
536H
544H
565H
60CH
630H
636H
644H
665H
RADR[0]
4
70CH
TIOHM
TICLK
TPOH
TPOHINS
730H
RCLK
736H
TOH
TOHINS
744H
RPOS
RNEG
765H
RADR[1]
4
Notes
1.
Before reading these values, the input must be set to the test state, TENB must be set to logic one, and
TFCLK must transition from logic zero to logic one.
2.
Before its value will be captured in the test register, TENB must be set to its test state and TFCLK must
transition from logic zero to logic one.
3.
Before its value will be captured in the test register RENB must be set to its test state and RFCLK must
transition from logic zero to logic one.
4.
Before reading these values, the input must be set to the test state, RENB must be set to logic one, and
RFCLK must transition from logic zero to logic one.
Writing the address locations shown in Table 29 forces the outputs to the value in the
corresponding bit position. Note: Zeros should be written to all unused test register locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com