Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 255 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 255 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 251Page - PMC-Sierra, Inc PM7347 Datasheet HTML 252Page - PMC-Sierra, Inc PM7347 Datasheet HTML 253Page - PMC-Sierra, Inc PM7347 Datasheet HTML 254Page - PMC-Sierra, Inc PM7347 Datasheet HTML 255Page - PMC-Sierra, Inc PM7347 Datasheet HTML 256Page - PMC-Sierra, Inc PM7347 Datasheet HTML 257Page - PMC-Sierra, Inc PM7347 Datasheet HTML 258Page - PMC-Sierra, Inc PM7347 Datasheet HTML 259Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
255
Document ID: PMC-1990267, Issue 3
Notes
1.
All these register bits must be set to logic zero for the INTB output to be tri-stated. If any one of these
register bits is a logic one, then INTB will be driven to logic zero.
2.
To enable these outputs, after setting the desired state, RADR[0] must be set to logic zero, RENB must
be set to logic one, bit 4 of register 09BH must be set to logic one, and RFCLK must transition from
logic zero to logic one.
3.
To enable this output, after setting the desired state, RADR[2:0] must be set equal to PHY_ADR[2:0],
RADR[1:0] must be set equal to binary 00, RFCLK must transition from logic zero to logic one.
4.
To enable this output, after setting the desired state, TADR[2:0] must be set equal to PHY_ADR[2:0],
TADR[1:0] must be set equal to binary 00, TFCLK must transition from logic zero to logic one.
5.
Bit 1 of this register must be logic zero.
12.2
JTAG Test Port
The S/UNI-JET JTAG Test Access Port (TAP) allows access to the TAP controller and the 4 TAP
registers: instruction, bypass, device identification and boundary scan. TAP enables the
following:
• Reading device input logic levels.
• Forcing device output.
• Identifying the device.
• Bypassing the device scan path.
For more details on the JTAG port, please refer to the Error! Reference source not found.
section.
Table 30 Instruction Register
Length - 3 bits
Instructions
Selected Register
Instruction Codes, IR[2:0]
EXTEST
Boundary Scan
000
IDCODE
Identification
001
SAMPLE
Boundary Scan
010
BYPASS
Bypass
011
BYPASS
Bypass
100
STCTEST
Boundary Scan
101
BYPASS
Bypass
110
BYPASS
Bypass
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com