Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 259 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 259 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 255Page - PMC-Sierra, Inc PM7347 Datasheet HTML 256Page - PMC-Sierra, Inc PM7347 Datasheet HTML 257Page - PMC-Sierra, Inc PM7347 Datasheet HTML 258Page - PMC-Sierra, Inc PM7347 Datasheet HTML 259Page - PMC-Sierra, Inc PM7347 Datasheet HTML 260Page - PMC-Sierra, Inc PM7347 Datasheet HTML 261Page - PMC-Sierra, Inc PM7347 Datasheet HTML 262Page - PMC-Sierra, Inc PM7347 Datasheet HTML 263Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
259
Document ID: PMC-1990267, Issue 3
13
Operation
13.1
Software Initialization Sequence
Using the following software initialization sequence puts the S/UNI-JET in a normal power
consumption state. PMC-Sierra™ strongly recommends using this reset sequence to guarantee the
device’s long term reliability.
Note: After a reset, the S/UNI-JET may start using more power than is required. While the
device’s normal operations are not altered, the excessive power consumption can cause the device
to give off high levels of heat, which in turn, could lead to future problems with the device.
To initialize the device:
• Reset the S/UNI-JET.
• Set IOTST (bit 2) in the Master Test Register (datasheet pg. 291) to '1' (by writing 00000100
to register 400H).
• Put the S/UNI-JET Receive Cell Processor (RXCP) into test mode by writing:
°
00000101 to test register 461H
°
00000101 to test register 561H
°
00000101 to test register 661H
°
00000101 to test register 761H
• Set the S/UNI-JET Receive Cell Processor block built in set test (BIST) controls signals by
writing:
°
01000000 to test register 462H
°
01000000 to test register 562H
°
01000000 to test register 662H
°
01000000 to test register 762H
°
10101010 to test register 463H
°
10101010 to test register 563H
°
10101010 to test register 663H
°
10101010 to test register 763H
• Put the S/UNI-JET Transmit Cell Processor (TXCP) into test mode by writing:
°
00000011 to test register 481H
°
00000011 to test register 581H
°
00000011 to test register 681H
°
00000011 to test register 781H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com