Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 261 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 261 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 257Page - PMC-Sierra, Inc PM7347 Datasheet HTML 258Page - PMC-Sierra, Inc PM7347 Datasheet HTML 259Page - PMC-Sierra, Inc PM7347 Datasheet HTML 260Page - PMC-Sierra, Inc PM7347 Datasheet HTML 261Page - PMC-Sierra, Inc PM7347 Datasheet HTML 262Page - PMC-Sierra, Inc PM7347 Datasheet HTML 263Page - PMC-Sierra, Inc PM7347 Datasheet HTML 264Page - PMC-Sierra, Inc PM7347 Datasheet HTML 265Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
261
Document ID: PMC-1990267, Issue 3
Mode of
Operation
S/UNI-JET Registers (values in Hexadecimal)
300 302
303
304
308
30C 330
334 338
339
340
341
344
34C 360
361
380
39B
T1 PLCP
40
C0
C0
--
84
84
--
--
--
--
--
--
--
04
00
04
00
T1 ADM
40
C0
C0
--
80
80
--------
--
--
--04
00
04
00
External Framer
ADM
2
40
C0
C0
--
01
01
--
--
--
--
--
--
--
04
00
4
04
00
Notes
1.
In framer only modes, TGAPCLK and RGAPCLK are enabled by programming Register 301H to 30CH.
2.
Byte, nibble, or bit alignment of the ATM Cell bytes to the line overhead is configured using the TOCTA
bit in Register 300H, and the FORM[1:0] bits in Register 30CH.
3.
Unipolar mode is selected for DS3, E3, and J2 modes by setting the TUNI bit to logic one in Register
302H and the UNI bit in 330H, 338H, and 344H respectively. When the DS3, E3, or J2 framers are
bypassed, unipolar mode is selected by default.
4.
Bit, Nibble, and Byte alignment of the ATM cell octets to the arbitrary external frame overhead is set
using the ALIGN[1:0] bits of Register 361H.
5.
ATM cells are configured to have the Coset Polynomial added to the HCS byte and payload
scrambling/descrambling is enabled.
6.
ATM Idle cell header octets H1, H2, H3, and H4 are configured to be 00H 00H 00H 01H respectively.
13.3
PLCP Frame Formats
The S/UNI-JET supports four different PLCP frame formats:
• DS3 PLCP.
• DS1.
• G.751 E3.
• E1.
The structure of each of these formats is quite similar, and is illustrated in Figure 8 through
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com