Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 265 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 265 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 261Page - PMC-Sierra, Inc PM7347 Datasheet HTML 262Page - PMC-Sierra, Inc PM7347 Datasheet HTML 263Page - PMC-Sierra, Inc PM7347 Datasheet HTML 264Page - PMC-Sierra, Inc PM7347 Datasheet HTML 265Page - PMC-Sierra, Inc PM7347 Datasheet HTML 266Page - PMC-Sierra, Inc PM7347 Datasheet HTML 267Page - PMC-Sierra, Inc PM7347 Datasheet HTML 268Page - PMC-Sierra, Inc PM7347 Datasheet HTML 269Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
265
Document ID: PMC-1990267, Issue 3
Overhead Field
Transmit Operation
Receive Operation
Growth:
nominally programmed with all
zeros. Access to these octets is
provided by the PLCP transmit
overhead access port.
the RPOH pin.
F1:
User Channel
This octet is unused and the value
inserted in this octet is controlled
by an internal register or by TPOH
pin.
This octet is ignored and is extracted on the
RPOH pin.
B1:
Bit Interleaved
Parity
This octet contains an 8-bit
interleaved parity (BIP) calculated
across the entire PLCP frame
(excluding the A1, A, Pn octets
and the trailer). The B1 value is
calculated based on even parity
and the value inserted in the
current frame is the BIP result
calculated for the previous frame.
The bit interleaved parity is calculated for the
current frame and stored. The B1 octet
contained in the subsequent frame is extracted
and compared against the calculated value.
Differences between the two values provide an
indication of the end-to-end bit error rate.
These differences are accumulated in a
counter in the CPPM block.
G1:
Path Status
The first four bit positions provide
a PLCP FEBE function and
indicates the number of B1 errors
detected at the near end. The
FEBE field has nine legal values
(0000b-1000b) indicating between
zero and eight B1 errors.
The fifth bit position is used to
transmit PLCP yellow alarm. The
last three bit positions provide the
link status signal used in IEEE-
802.6 DQDB implementations.
Yellow alarm and link status signal
insertion is controlled by the
internal registers or by TPOH pin.
The G1 byte provides the PLCP FEBE function
and is accumulated in an a counter in the
CPPM block. PLCP yellow alarm is detected or
removed when the yellow bit is set to logic one
or zero for ten consecutive frames. The yellow
alarm state and the link status signal state are
contained in the SPLR Status Register.
M1, M2:
Control Information
These octets carry the DQDB layer
management information. Internal
register controls the nominal value
inserted in these octets. These
octets are unused in ATM Forum
T3 UNI 3.0 specification.
These octets are ignored and are extracted on
the RPOH pin.
C1:
Cycle/Stuff Counter
The coding of this octet depends
on the PLCP frame format. For
DS1 and E3 PLCP formats, this
octet is programmed with all zeros.
For the DS3 PLCP format, this
octet indicates the number of stuff
nibbles (13 or 14) at the end of
each PLCP frame. The C1 value is
varied in a three frame cycle
where the first frame always
contains 13 stuff nibbles, the
second frame always contains 14
nibbles, and the third frame
contains 13 or 14 nibbles. The
stuffing may be varied by a nibble
so that the PLCP frame rate can
be locked to an external 8 kHz
Interprets the trailer length according to the
selected PLCP frame format and the received
C1 code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com