Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 267 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 267 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 263Page - PMC-Sierra, Inc PM7347 Datasheet HTML 264Page - PMC-Sierra, Inc PM7347 Datasheet HTML 265Page - PMC-Sierra, Inc PM7347 Datasheet HTML 266Page - PMC-Sierra, Inc PM7347 Datasheet HTML 267Page - PMC-Sierra, Inc PM7347 Datasheet HTML 268Page - PMC-Sierra, Inc PM7347 Datasheet HTML 269Page - PMC-Sierra, Inc PM7347 Datasheet HTML 270Page - PMC-Sierra, Inc PM7347 Datasheet HTML 271Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
267
Document ID: PMC-1990267, Issue 3
Table 37 E3 PLCP Trailer Length
C1(Hex)
Trailer Length
3B
17 octets
4F
18 octets
75
19 octets
9D
20 octets
A7
21 octets
13.4
DS3 Frame Format
The S/UNI-JET supports both M23 and C-bit parity DS3 framing formats. This format can be
extended to support direct byte mapping or PLCP mapping of ATM cells. An overview of the DS3
frame format is shown in Figure 12.
Figure 12 DS3 Frame Structure
X1 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
X2 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
P1 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
P2 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
M1 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
M2 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
M3 Payload F1 Payload C1 Payload F2 Payload C2 Payload F3 Payload C3 Payload F4 Payload
680 bits (8 blocks of 84+1 bits)
84 bits
1
M-subframe
2
3
4
5
6
7
The DS3 receiver decodes a B3ZS-encoded signal and provides indications of LCVs. The B3ZS
decoding algorithm and the LCV definition are software selectable.
While in-frame, the DS3 receiver continuously checks for LCV, M-bit or F-bit framing bit errors,
and P-bit parity errors. When C-bit parity mode is selected, both C-bit parity errors and FEBEs
are accumulated.
When the C-bit parity framing format is detected, both the FEAC channel and the PMDL are
extracted. HDLC messages in the PMDL are received by an internal data link receiver.
The DS3 transmitter allows for the insertion of the overhead bits into a DS3 bit stream and
produces a B3ZS-encoded signal. Status signals such as FERF, AIS, and idle signal can be
inserted when the transmission of these signals is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com