Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 270 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 270 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 266Page - PMC-Sierra, Inc PM7347 Datasheet HTML 267Page - PMC-Sierra, Inc PM7347 Datasheet HTML 268Page - PMC-Sierra, Inc PM7347 Datasheet HTML 269Page - PMC-Sierra, Inc PM7347 Datasheet HTML 270Page - PMC-Sierra, Inc PM7347 Datasheet HTML 271Page - PMC-Sierra, Inc PM7347 Datasheet HTML 272Page - PMC-Sierra, Inc PM7347 Datasheet HTML 273Page - PMC-Sierra, Inc PM7347 Datasheet HTML 274Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
270
Document ID: PMC-1990267, Issue 3
Control Bit
Transmit Operation
Receive Operation
Jk: Tributary
Justification Bits
When the device is
configured as a E3 G.751
framer, the Tributary
Justification Bits can be
inserted on the TDATI input
pin the same way as normal
payload data.
When the device is
configured for ATM
application, the Tributary
Justification Bits are used a
payload bits.
Extracts the Tributary Justification Bits on the
ROH output pin when the Jk bits are
configured as overhead.
13.6
G.832 E3 Frame Format
The S/UNI-JET provides support for the G.832 E3 frame format. This format can be extended to
allow for direct byte mapping of ATM cells. The G.832 E3 frame format is shown in Figure 14.
Figure 14 G.832 E3 Frame Structure
FA1
EM
TR
MA
NR
GC
530 octet payload
FA2
59 colum ns
The processing of the overhead bits in the G.832 E3 frame is described in Table 40. In the
transmit direction, the overhead bits can be inserted on a bit-by-bit basis from a user supplied data
stream using the TOH, TOHINS, TOHFP, and TOHCLK signals. In the receive direction, the
overhead bits are brought out serially on the ROH data stream.
Table 40 G.832 E3 Frame Overhead Operation
Control
Transmit Operation
Receive Operation
FA1, FA2:
Frame Alignment Pattern
Inserts the G.832 E3 frame
alignment pattern (F628H).
Searches the receive stream for the G.832 E3
frame alignment pattern. When the pattern is
detected for two consecutive frames, an in-
frame condition is declared. Note: There is no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com