Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 273 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 273 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 269Page - PMC-Sierra, Inc PM7347 Datasheet HTML 270Page - PMC-Sierra, Inc PM7347 Datasheet HTML 271Page - PMC-Sierra, Inc PM7347 Datasheet HTML 272Page - PMC-Sierra, Inc PM7347 Datasheet HTML 273Page - PMC-Sierra, Inc PM7347 Datasheet HTML 274Page - PMC-Sierra, Inc PM7347 Datasheet HTML 275Page - PMC-Sierra, Inc PM7347 Datasheet HTML 276Page - PMC-Sierra, Inc PM7347 Datasheet HTML 277Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
273
Document ID: PMC-1990267, Issue 3
Control
Transmit Operation
Receive Operation
X-bits:
Spare Bits
Inserts the spare bits via
register bits or via TOH and
TOHINS input pins.
Extracts and presents the x-bits on register
bits. The X-bit states can be debounced and
presented on the ROH output pin. An interrupt
change can be generated to signal a change in
the X-bit state.
A-bit:
Remote LOF Indication
Inserts the A-bit via register
bit. The A-bit can be
optionally be asserted when
the J2 framer is in LOF
condition.
Extracts and presents the A-bit on a register
bit. The A-bit state can be debounced and
presented on the ROH output pin. An interrupt
can be generated to signal a change in the A-
bit state.
E1-E5:
CRC-5 Check Sequence
Automatically calculates and
inserts the CRC-5 check
sequence.
Calculates the CRC-5 check sequence for the
received data stream. Discrepancies with the
received CRC-5 code can be configured to
generate an interrupt. CRC-5 errors are
accumulated in an internal counter.
13.8
S/UNI-JET Cell Data Structure
ATM cells may be passed to and from the S/UNI-JET using a 26-word or 27-word data structure
and a 52-byte or 53-byte word data structure. These data structures are shown in Figure 16,
Figure 17, Figure 18, and Figure 19.
Figure 16 16-bit Wide, 26-byte Word Structure
Bit 15
Bit 0
H1
H2
H3
H4
PAYLOAD1
PAYLOAD2
Bit 8
Bit 7
PAYLOAD3
PAYLOAD4
PAYLOAD5
PAYLOAD6
Word 1
Word 2
Word 3
Word 4
Word 5
PAYLOAD47
PAYLOAD48
Word 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com