Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 277 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 277 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 273Page - PMC-Sierra, Inc PM7347 Datasheet HTML 274Page - PMC-Sierra, Inc PM7347 Datasheet HTML 275Page - PMC-Sierra, Inc PM7347 Datasheet HTML 276Page - PMC-Sierra, Inc PM7347 Datasheet HTML 277Page - PMC-Sierra, Inc PM7347 Datasheet HTML 278Page - PMC-Sierra, Inc PM7347 Datasheet HTML 279Page - PMC-Sierra, Inc PM7347 Datasheet HTML 280Page - PMC-Sierra, Inc PM7347 Datasheet HTML 281Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
277
Document ID: PMC-1990267, Issue 3
In the transmit direction, the HCSB bit in the TXCP-50 Configuration 1 Register determines
whether the HCS is calculated internally or is inserted directly from Word 5. For the 52-byte word
structure, if the HCSB bit in the TXCP-50 is logic one, then no HCS byte is inserted and the
TXCP-50 will only transmit the data present on the 52 words. In such a configuration, the RXCP-
50 should be configured to pass the 52-byte word output without requiring cell delineation by
setting the CCDIS bit to logic one. This setting is useful for passing arbitrary payload through the
transmit and receive Utopia interfaces.
13.9
Resetting the RXFF and TXFF FIFOs
Resetting the receive and transmit FIFOs can be accomplished using the FIFORST bits (RXCP-
50 FIFO/UTOPIA Control & Configuration, TXCP-50 Configuration 1 Registers). When
resetting, the FIFORST bit should be written with a logic one, and held for two or more clock
cycles (the longer of two Utopia clock cycles or 16 line clock cycles). After de-asserting
FIFORST, data can be safely written to the TXFF after two or more clock cycles have passed.
13.10 Servicing Interrupts
The S/UNI-JET will assert INTB to logic zero when a condition that is configured to produce an
interrupt occurs. To determine the condition that caused this interrupt to occur, follow the
procedure below:
• Read the INT bits of the S/UNI-JET Clock Activity Monitor and Interrupt Identification
Register (307H).
• Read the S/UNI-JET Interrupt Status Register (005H, 105H, 205H, and 305H) to identify
which block produced the interrupt. For example, a logic one on the TDPRI register bit in
register 305H indicates that the TDPR block of the S/UNI-JET produced the interrupt.
• Service the interrupt.
• If the INTB pin is still logic zero, then there are still interrupts to be serviced. Otherwise, all
interrupts have been serviced. Wait for the next assertion of INTB.
13.11 Using the Performance Monitoring Features
The PMON and CPPM blocks are provided for performance monitoring purposes. The RXCP-50
and TXCP-50 also contain performance monitor registers. The PMON block is used to monitor
DS3, E3, and J2 performance primitives while the CPPM is used to monitor PLCP and idle-cell-
based primitives. The RXCP-50 is used to monitor received cell primitives, and the TXCP-50 is
used to monitor transmit cell primitives. The counters in the PMON block have been sized as not
to saturate if polled every second. The counters in the CPPM blocks have been sized as not to
saturate if polled every 1/2 second at line rates up to 44.736 MHz. The counters in the RXCP-50
and TXCP-50 have been sized to not saturate if polled every second at line rates up to 44.736
MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com