Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 281 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 281 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 277Page - PMC-Sierra, Inc PM7347 Datasheet HTML 278Page - PMC-Sierra, Inc PM7347 Datasheet HTML 279Page - PMC-Sierra, Inc PM7347 Datasheet HTML 280Page - PMC-Sierra, Inc PM7347 Datasheet HTML 281Page - PMC-Sierra, Inc PM7347 Datasheet HTML 282Page - PMC-Sierra, Inc PM7347 Datasheet HTML 283Page - PMC-Sierra, Inc PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
281
Document ID: PMC-1990267, Issue 3
Polling Mode
The TDPR automatically transmits a packet once it is completely written into the TDPR FIFO.
The TDPR also begins transmission of bytes once the FIFO level exceeds the programmable
Upper Transmit Threshold. The CRC bit can be set to logic one so that the FCS is generated and
inserted at the end of a packet. The TDPR Lower Interrupt Threshold should be set to such a
value that sufficient warning of an underrun is given. The FULLE, LFILLE, OVRE, and UDRE
bits are all set to logic zero since packet transmission is set to work with a periodic polling
procedure.
To transmit HDLC packets:
• Wait until data is available to be transmitted, then go to step 2.
• Read the TDPR Interrupt Status Register.
• If FULL=1, then the TDPR FIFO is full and no further bytes can be written. Continue polling
the TDPR Interrupt Status Register until either FULL=0 or BLFILL=1. Then, go to either
step 4 or 5 depending on implementation preference.
• If BLFILL=1, then the TDPR FIFO depth is below its lower threshold limit. Write the data
into the TDPR Transmit Data Register. Go to step 6.
• If FULL=0, then the TDPR FIFO has room for at least 1 more byte to be written. Write the
data into the TDPR Transmit Data Register. Go to step 6.
• If more data bytes are to be transmitted in the packet, then go to step 2.
• If all bytes in the packet have been sent, then set the EOM bit in the TDPR Configuration
Register to logic one. Go to step 1.
13.13 Using the Internal Data Link Receiver
Note: The access rate to the RDLC Registers is limited by the rate of the internal high-speed
system clock selected by the LINESYSCLK register bit of the S/UNI-JET Miscellaneous
Registers (09BH, 19BH, 29BH, 39BH). Consecutive accesses to the RDLC Status and RDLC
Data Registers should be accessed at a rate no faster than 1/10 that of the selected RDLC high-
speed system clock. This time is used by the high-speed system clock to sample the event and
update the FIFO status. Instantaneous variations in the high-speed reference clock frequencies
(e.g. jitter in the receive line clock) must be considered when determining the procedure used to
read RDLC Registers.
On power up of the system, the RDLC should be disabled by setting the EN bit in the
Configuration Register to logic zero (default state). The RDLC Interrupt Control Register should
then be initialized to enable the INT output and to select the FIFO buffer fill level at which an
interrupt will be generated. If the INTE bit is not set to logic one, the RDLC Status Register must
be continuously polled to check the interrupt status (INTR) bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com