Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 282 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 282 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 278Page - PMC-Sierra, Inc PM7347 Datasheet HTML 279Page - PMC-Sierra, Inc PM7347 Datasheet HTML 280Page - PMC-Sierra, Inc PM7347 Datasheet HTML 281Page - PMC-Sierra, Inc PM7347 Datasheet HTML 282Page - PMC-Sierra, Inc PM7347 Datasheet HTML 283Page - PMC-Sierra, Inc PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc PM7347 Datasheet HTML 286Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
282
Document ID: PMC-1990267, Issue 3
After the RDLC Interrupt Control Register has been written, the RDLC can be enabled at any
time by setting the EN bit in the RDLC Configuration Register to logic one. When the RDLC is
enabled, it will assume the link status is idle (all ones) and immediately begin searching for flags.
When the first flag is found, an interrupt will be generated, and a dummy byte will be written into
the FIFO buffer, which provides alignment of link up status with the data read from the FIFO.
When an abort character is received, another dummy byte and link down status is written into the
FIFO, which provides alignment of link down status with the data read from the FIFO. It is up to
the controlling processor to check the COLS bit in the RDLC Status Register for a change in the
link status. If the COLS bit is set to logic one, the FIFO must be emptied to determine the current
link status. The first flag and abort status encoded in the PBS bits are used to set and clear a Link
Active software flag.
When the last byte of a properly terminated packet is received, an interrupt is generated. While
the RDLC Status Register is being read the PKIN bit will be logic one. This can be a signal to the
external processor to empty the bytes remaining in the FIFO or to just increment a number-of-
packets-received count and wait for the FIFO to fill to a programmable level. Once the RDLC
Status Register is read, the PKIN bit is cleared to logic zero. If this register is read immediately
after the last packet byte is read from the FIFO, the PBS[2] bit will be logic one and the CRC and
non-integer byte status can be checked by reading the PBS[1:0] bits.
When the FIFO fill level is exceeded, an interrupt is generated. The FIFO must be emptied to
remove this source of interrupt.
The RDLC can be used in a polled or interrupt driven mode for the transfer of frame data. In the
polled mode, the processor controlling the RDLC must periodically read the RDLC Status
Register to determine when to read the RDLC Data Register. In the interrupt driven mode, the
processor controlling the RDLC uses the S/UNI-JET INTB output, the S/UNI-JET Clock Activity
Monitor and Interrupt Identification Register, and the S/UNI-JET Interrupt Status Registers to
determine when to read the RDLC Data Register.
In the case of interrupt driven data transfer from the RDLC to the processor, the INTB output of
the S/UNI-JET is connected to the interrupt input of the processor. The processor interrupt service
routine verifies what block generated the interrupt by reading the S/UNI-JET Clock Activity
Monitor and Interrupt Identification Register, and the S/UNI-JET Interrupt Status Registers. Once
it has identified that the RDLC has generated the interrupt, it processes the data in the following
order:
• Reads the RDLC Status Register. The INTR bit should be logic one.
° If OVR = 1, then discards last frame and go to step 1. Overrun causes a reset of FIFO
pointers. Any packets that may have been in the FIFO are lost.
° If COLS = 1, then sets the EMPTY FIFO software flag.
° If PKIN = 1, increments the PACKET COUNT. If the FIFO is desired to be emptied as
soon as a complete packet is received, set the EMPTY FIFO software flag. If the EMPTY
FIFO software flag is not set, FIFO emptying will delayed until the FIFO fill level is
exceeded.
• Reads the RDLC Data Register.
• Reads the RDLC Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com