Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 286 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 286 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 282Page - PMC-Sierra, Inc PM7347 Datasheet HTML 283Page - PMC-Sierra, Inc PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc PM7347 Datasheet HTML 286Page - PMC-Sierra, Inc PM7347 Datasheet HTML 287Page - PMC-Sierra, Inc PM7347 Datasheet HTML 288Page - PMC-Sierra, Inc PM7347 Datasheet HTML 289Page - PMC-Sierra, Inc PM7347 Datasheet HTML 290Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
286
Document ID: PMC-1990267, Issue 3
The pattern generator consists of a 32-bit shift register and a single XOR gate. The XOR gate
output is fed into the first stage of the shift register. The XOR gate inputs are determined by
values written to the length register (PL[4:0]) and the tap register (PT[4:0], when the PS bit is
low). When PS is high, the pattern detector functions as a recirculating shift register, with length
determined by PL[4:0].
13.14.1
Generating and detecting repetitive patterns
When a repetitive pattern (such as 1-in-8) is to be generated or detected, the PS bit must be set to
logic one. The pattern length register must be set to (N-1), where N is the length of the desired
repetitive pattern. Several examples of programming for common repetitive sequences are given
below in the Common Test Patterns section.
For pattern generation, the desired pattern must be written into the PRGD Pattern Insertion
Registers. The repetitive pattern will then be continuously generated. The generated pattern will
be inserted in the output data stream, but the phase of the pattern cannot be guaranteed.
For pattern detection, the PRGD will determine if a repetitive pattern of the length specified in
the pattern length register exists in the input stream. It does so by loading the first N bits from the
data stream, and then monitoring to see if the pattern loaded repeats itself error free for the
subsequent 48-bit periods. It will repeat this process until it finds a repetitive pattern of length N,
at which point it begins counting errors (and possibly re-synchronizing) in the same way as for
pseudo-random sequences.
Note: The PRGD does not look for the pattern loaded into the Pattern Insertion Registers, but
rather automatically detects any repetitive pattern of the specified length. The precise pattern
detected can be determined by initiating a PRGD update, setting PDR[1:0] = 00 in the PRGD
Control Register, and reading the Pattern Detector Registers, which will then contain the 32 bits
detected immediately prior to the strobe.
13.14.2
Common Test Patterns
The PRGD can be configured to monitor the standardized pseudo random and repetitive patterns
described in ITU-T O.151. The register configurations required to generate these patterns and
others are indicated in the Table 42 and Table 43.
Table 42 Pseudo Random Pattern Generation (PS bit = 0)
Pattern Type
TR
LR
IR#1
IR#2
IR#3
IR#4
TINV
RINV
23 -1
00
02
FF
FF
FF
FF
0
0
24 -1
00
03
FF
FF
FF
FF
0
0
25-1
01
04
FF
FF
FF
FF
0
0
26 -1
04
05
FF
FF
FF
FF
0
0
27 -1
00
06
FF
FF
FF
FF
0
0
27 -1 (Fractional T1 LB Activate)
03
06
FF
FF
FF
FF
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com