Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 288 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 288 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc PM7347 Datasheet HTML 286Page - PMC-Sierra, Inc PM7347 Datasheet HTML 287Page - PMC-Sierra, Inc PM7347 Datasheet HTML 288Page - PMC-Sierra, Inc PM7347 Datasheet HTML 289Page - PMC-Sierra, Inc PM7347 Datasheet HTML 290Page - PMC-Sierra, Inc PM7347 Datasheet HTML 291Page - PMC-Sierra, Inc PM7347 Datasheet HTML 292Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
288
Document ID: PMC-1990267, Issue 3
6.
IR#3 is the PRGD Pattern Insertion #3 Register
7.
IR#4 is the PRGD Pattern Insertion #4 Register
8.
The TINV bit and the RINV bit are contained in the PRGD Control Register
13.15 JTAG Support
The S/UNI-JET supports the IEEE Boundary Scan Specification as described in the IEEE 1149.1
standards. The TAP consists of the five standard pins (TRSTB, TCK, TMS, TDI, and TDO) used
to control the TAP controller and the boundary scan registers.
The TRSTB input is the active-low reset signal used to reset the TAP controller. TCK is the test
clock used to sample data on input, TDI and to output data on output, TDO. The TMS input is
used to direct the TAP controller through its states. The basic boundary scan architecture is shown
in Figure 23.
Figure 23 Boundary Scan Architecture
Boundary Scan
Register
Control
TDI
TDO
Device Identification
Register
Bypass
Register
Instruction
Register
and
Decode
TRSTB
TMS
Test
Access
Port
Controller
Mux
DFF
Select
Tri-state
Enable
TCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com