Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 287 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 287 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 283Page - PMC-Sierra, Inc PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc PM7347 Datasheet HTML 286Page - PMC-Sierra, Inc PM7347 Datasheet HTML 287Page - PMC-Sierra, Inc PM7347 Datasheet HTML 288Page - PMC-Sierra, Inc PM7347 Datasheet HTML 289Page - PMC-Sierra, Inc PM7347 Datasheet HTML 290Page - PMC-Sierra, Inc PM7347 Datasheet HTML 291Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
287
Document ID: PMC-1990267, Issue 3
27 -1 (Fractional T1 LB
Deactivate)
03
06
FF
FF
FF
FF
1
1
29 -1 (O.153)
04
08
FF
FF
FF
FF
0
0
210 -1
02
09
FF
FF
FF
FF
0
0
211 -1 (O.152, O.153)
08
0A
FF
FF
FF
FF
0
0
215 -1 (O.151)
0D
0E
FF
FF
FF
FF
1
1
217 -1
02
10
FF
FF
FF
FF
0
0
218 -1
06
11
FF
FF
FF
FF
0
0
220 -1 (O.153)
02
13
FF
FF
FF
FF
0
0
220 -1 (O.151
QRSS bit=1)
10
13
FF
FF
FF
FF
0
0
221 -1
01
14
FF
FF
FF
FF
0
0
222 -1
00
15
FF
FF
FF
FF
0
0
223 -1 (O.151)
11
16
FF
FF
FF
FF
1
1
225 -1
02
18
FF
FF
FF
FF
0
0
228 -1
02
1B
FF
FF
FF
FF
0
0
229 -1
01
1C
FF
FF
FF
FF
0
0
231 -1
02
1E
FF
FF
FF
FF
0
0
Table 43 Repetitive Pattern Generation (PS bit = 1)
Pattern Type
TR
LR
IR#1
IR#2
IR#3
IR#4
TINV
RINV
All ones
00
00
FF
FF
FF
FF
0
0
All zeros
00
00
FE
FF
FFFF0
0
Alternating ones/zeros
00
01
FE
FF
FF
FF
0
0
Double alternating ones/zeros
00
03
FC
FF
FF
FF
0
0
3 in 24
00
17
22
00
20
FF
0
0
1 in 16
00
0F
01
00
FF
FF
0
0
1 in 8
00
07
01
FF
FFFF0
0
1 in 4
00
03
F1
FF
FFFF0
0
Inband loopback activate
00
04
F0
FF
FF
FF
0
0
Inband loopback deactivate
00
02
FC
FF
FF
FF
0
0
Notes (For the Pseudo Random and Repetitive Pattern Generation Tables)
1.
The PS bit and the QRSS bit are contained in the PRGD Control Register
2.
TR is the PRGD Tap Register
3.
LR is the PRGD Length Register
4.
IR#1 is the PRGD Pattern Insertion #1 Register
5.
IR#2 is the PRGD Pattern Insertion #2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com