Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 283 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 283 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 279Page - PMC-Sierra, Inc PM7347 Datasheet HTML 280Page - PMC-Sierra, Inc PM7347 Datasheet HTML 281Page - PMC-Sierra, Inc PM7347 Datasheet HTML 282Page - PMC-Sierra, Inc PM7347 Datasheet HTML 283Page - PMC-Sierra, Inc PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc PM7347 Datasheet HTML 286Page - PMC-Sierra, Inc PM7347 Datasheet HTML 287Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
283
Document ID: PMC-1990267, Issue 3
° If OVR = 1, then discards last frame and go to step 1. Overrun causes a reset of FIFO
pointers. Any packets that may have been in the FIFO are lost.
° If COLS = 1, then sets the EMPTY FIFO software flag.
° If PKIN = 1, increments the PACKET COUNT. If the FIFO is desired to be emptied as
soon as a complete packet is received, set the EMPTY FIFO software flag. If the EMPTY
FIFO software flag is not set, FIFO emptying will delayed until the FIFO fill level is
exceeded.
• Starts the processing of FIFO data. Uses the PBS[2:0] packet byte status bits to decide what is
to be done with the FIFO data.
° If PBS[2:0] = 001, discards data byte read in step 3 and sets the LINK ACTIVE software
flag.
° If PBS[2:0] = 010, discards the data byte read in step 3 and clears the LINK ACTIVE
software flag.
° If PBS[2:0] = 1XX, stores the last byte of the packet, decrements the PACKET COUNT,
and checks the PBS[1:0] bits for CRC or NVB errors before deciding whether or not to
keep the packet.
° If PBS[2:0] = 000, stores the packet data.
° If FE = 0 and INTR = 1 or FE = 0 and EMPTY FIFO = 1, goes to step 3 or else clears the
EMPTY FIFO software flag and leaves this interrupt service routine to wait for the next
interrupt.
The link state is typically a local software variable. The link state is inactive if the RDLC is
receiving all-ones or receiving bit-oriented codes which contain a sequence of eight ones. The
link state is active if the RDLC is receiving flags or data.
If the RDLC data transfer is operating in the polled mode, processor operation is exactly as
shown above for the interrupt driven mode, except that the entry to the service routine is from a
timer, rather than an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com