Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 280 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 280 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 276Page - PMC-Sierra, Inc PM7347 Datasheet HTML 277Page - PMC-Sierra, Inc PM7347 Datasheet HTML 278Page - PMC-Sierra, Inc PM7347 Datasheet HTML 279Page - PMC-Sierra, Inc PM7347 Datasheet HTML 280Page - PMC-Sierra, Inc PM7347 Datasheet HTML 281Page - PMC-Sierra, Inc PM7347 Datasheet HTML 282Page - PMC-Sierra, Inc PM7347 Datasheet HTML 283Page - PMC-Sierra, Inc PM7347 Datasheet HTML 284Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
280
Document ID: PMC-1990267, Issue 3
The TDPR will force transmission of the packet information when the FIFO depth exceeds the
threshold programmed with the UTHR[6:0] bits in the TDPR Upper Transmit Threshold Register.
Unless an error condition occurs, transmission will not stop until the last byte of all complete
packets is transmitted and the FIFO depth is at or below the threshold limit. The user should
watch the FULLI and LFILLI interrupts to prevent overruns and underruns.
13.12.2
TDPR Interrupt Routine
Upon assertion of INTB, the source of the interrupt must first be identified by reading the S/UNI-
JET Clock Activity Monitor and Interrupt Identification Register (007H) and the S/UNI-JET
Interrupt Status Registers (005H, 105H, 205H, 305H). Once the source of the interrupt has been
identified as TDPR, do the following procedure:
• Read the TDPR Interrupt Status Register.
• If UDRI=1, then the FIFO has underrun and the last packet transmitted has been corrupted
and needs to be retransmitted. When the UDRI bit transitions to logic one, one Abort
sequence and continuous flags will be transmitted. The TDPR FIFO is held in reset state. To
reenable the TDPR FIFO and to clear the underrun, the TDPR Interrupt Status/UDR Clear
Register should be written with any value.
• If OVRI=1, then the FIFO has overflowed. The packet which the last byte written into the
FIFO belongs to has been corrupted and must be retransmitted. Other packets in the FIFO are
not affected. Either a timer can be used to determine when sufficient bytes are available in the
FIFO or the user can wait until the LFILLI interrupt is set, indicating that the FIFO depth is at
the lower threshold limit.
If the FIFO overflows on the packet currently being transmitted (packet is greater than 128 bytes
long), OVRI is set, an Abort signal is scheduled to be transmitted, the FIFO is emptied, and then
flags are continuously sent until there is data to be transmitted. The FIFO is held in reset until a
write to the TDPR Transmit Data Register occurs. This write contains the first byte of the next
packet to be transmitted.
If FULLI=1 and FULL=1, then the TDPR FIFO is full and no further bytes can be written. When
in this state, either a timer can be used to determine when sufficient bytes are available in the
FIFO or the user can wait until the LFILLI interrupt is set, indicating that the FIFO depth is at the
lower threshold limit.
If FULLI=1 and FULL=0, then the TDPR FIFO had reached the FULL state earlier, but has since
emptied out some of its data bytes and now has space available in its FIFO for more data.
If LFILLI=1 and BLFILL=1, then the TDPR FIFO depth is below its lower threshold limit. If
there is more data to transmit, then it should be written to the TDPR Transmit Data Register
before an underrun occurs. If there is no more data to transmit, then an EOM should be set at the
end of the last packet byte. Flags will then be transmitted once the last packet has been
transmitted.
If LFILLI=1 and BLFILL=0, then the TDPR FIFO had fallen below the lower-threshold state
earlier, but has since been refilled to a level above the lower-threshold level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com