Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 289 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 289 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 285Page - PMC-Sierra, Inc PM7347 Datasheet HTML 286Page - PMC-Sierra, Inc PM7347 Datasheet HTML 287Page - PMC-Sierra, Inc PM7347 Datasheet HTML 288Page - PMC-Sierra, Inc PM7347 Datasheet HTML 289Page - PMC-Sierra, Inc PM7347 Datasheet HTML 290Page - PMC-Sierra, Inc PM7347 Datasheet HTML 291Page - PMC-Sierra, Inc PM7347 Datasheet HTML 292Page - PMC-Sierra, Inc PM7347 Datasheet HTML 293Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
289
Document ID: PMC-1990267, Issue 3
The boundary scan architecture consists of:
• A TAP controller.
• An instruction register with instruction decode.
• A bypass register
• A device identification register
• A boundary scan register.
The TAP controller interprets the TMS input and generates control signals to load the instruction
and data registers. The instruction register with instruction decode block is used to select the test
to be executed and/or the register to be accessed. The bypass register offers a single-bit delay
from primary input, TDI to primary output, TDO. The device identification register contains the
device identification code.
The boundary scan register allows testing of board inter-connectivity. The boundary scan register
consists of a shift register place in series with device inputs and outputs. Using the boundary scan
register, all digital inputs can be sampled and shifted out on primary output, TDO. In addition,
patterns can be shifted in on primary input, TDI and forced onto all digital outputs.
13.15.1
TAP Controller
The TAP controller is a synchronous finite state machine clocked by the rising edge of primary
input, TCK. All state transitions are controlled using primary input, TMS. The finite state
machine is described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com