Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 274 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 274 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 270Page - PMC-Sierra, Inc PM7347 Datasheet HTML 271Page - PMC-Sierra, Inc PM7347 Datasheet HTML 272Page - PMC-Sierra, Inc PM7347 Datasheet HTML 273Page - PMC-Sierra, Inc PM7347 Datasheet HTML 274Page - PMC-Sierra, Inc PM7347 Datasheet HTML 275Page - PMC-Sierra, Inc PM7347 Datasheet HTML 276Page - PMC-Sierra, Inc PM7347 Datasheet HTML 277Page - PMC-Sierra, Inc PM7347 Datasheet HTML 278Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
274
Document ID: PMC-1990267, Issue 3
Figure 17 16-bit Wide, 27-byte Word Structure
H3
H4
HCS
STATUS/CONTROL
H5
PAYLOAD1
PAYLOAD2
PAYLOAD3
PAYLOAD4
PAYLOAD5
PAYLOAD6
Bit 15
Bit 0
H1
H2
Bit 8
Bit 7
Word 1
Word 2
Word 3
Word 4
Word 5
Word 6
PAYLOAD47
PAYLOAD48
Word 27
The 16-bit SCI-PHY
TM compliant data structure is selected when the ATM8 input is tied low. Bit
15 of each word is the most significant bit, which corresponds to the first bit transmitted or
received. Selection between the 26-byte and 27-byte word structure is done with the DS27_53
register bit in the S/UNI-JET Configuration 1 Register. The 26-byte word structure is chosen
when DS27_53 is set to logic zero. The 27-byte word structure is chosen when DS27_53 is set to
logic one. The start of cell indication input and output (TSOC and RSOC) are coincident with
Word 1 (containing the first two header octets). The HCS octet is only passed through the 27-byte
word structure. Word 3 of this structure contains the HCS octet in bits 15 to 8.
In the receive direction with the 27-byte word structure, the lower 8 bits of Word 3 contain the
HCS status octet. An all-zeros pattern in these 8 bits indicates that the associated header is error
free. An all-ones pattern indicates that the header contains an uncorrectable error. (If the
HCSPASS bit in the RXCP-50 Configuration 2 Register is set to logic zero, the all-ones pattern
will never be passed in this structure.) An alternating ones and zeros pattern (xxAA) indicates that
the header contained a correctable error. In this case the header passed through the structure is the
"corrected" header.
In the transmit direction, with the 27-byte word structure, the HCSB bit in the TXCP-50
Configuration 1 Register determines whether the HCS is calculated internally or is inserted
directly from the upper 8 bits of Word 3. The lower 8 bits of Word 3 contain the HCS control
octet. The HCS control octet is an error mask that allows the insertion of one or more errors in the
HCS octet. A logic one in a given bit position causes the inversion of the corresponding HCS bit
position. (For example a logic one in bit 7 causes the most significant bit of the HCS to be
inverted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com