Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 272 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 272 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 268Page - PMC-Sierra, Inc PM7347 Datasheet HTML 269Page - PMC-Sierra, Inc PM7347 Datasheet HTML 270Page - PMC-Sierra, Inc PM7347 Datasheet HTML 271Page - PMC-Sierra, Inc PM7347 Datasheet HTML 272Page - PMC-Sierra, Inc PM7347 Datasheet HTML 273Page - PMC-Sierra, Inc PM7347 Datasheet HTML 274Page - PMC-Sierra, Inc PM7347 Datasheet HTML 275Page - PMC-Sierra, Inc PM7347 Datasheet HTML 276Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
272
Document ID: PMC-1990267, Issue 3
Figure 15 J2 Frame Structure
TS1
TS2 TS3 TS4
TS95 TS96 TS97 TS98
1
1
0
0
m
TS1
TS2 TS3 TS4
TS95 TS96 TS97 TS98
1
0
1
0
0
TS1
TS2 TS3 TS4
TS95 TS96 TS97 TS98
x1
x2
x3
a
m
TS1
TS2 TS3 TS4
TS95 TS96 TS97 TS98
e1
e2
e3
e4
e5
125 uS
96 Octets of byte inter-
leaved payload
1-8
9-16
17-24 25-32
752-
760
761-
768
769-
776
777-
784
785
786
787
788
789
Bit #
Fram e 1
Frame 2
Frame 3
Frame 4
The J2 framer decodes a unipolar or B8ZS encoded signal and frames to the resulting 6,312
Kbit/s J2 bit stream. Once in frame, the J2 framer provides indications of frame and multiframe
boundaries and marks overhead bits, x-bits, m-bits and reserved channels (TS97 and TS98).
Indications of LOS, bipolar violations, excessive zeroes, change of frame alignment, framing
errors, and CRC errors are provided and accumulated in internal counters.
The J2 transmitter inserts the overhead bits into a J2 bit stream and produces a B8ZS-encoded
signal. The J2 transmitter adheres to the framing format specified in G.704 and NTT Technical
Reference for High Speed Digital Leased Circuit Services.
The processing of the overhead bits in the J2 frame is described in Table 41. In the transmit
direction, the overhead bits can be inserted on a bit-by-bit basis from a user supplied data using
the TOH, TOHINS, TOHFP, and TOHCLK signals. In the receive direction, the overhead bits are
brought out serially on the ROH data stream.
Table 41 J2 Frame Overhead Operation
Control
Transmit Operation
Receive Operation
TS1-TS96:
Byte Interleaved Payload
Inserts the ATM cells into
TS1 to TS96 octets.
Extracts the ATM cell octet payload and
performs cell delineation.
TS97-TS98:
Signaling channels
Inserts the signaling bytes
from either register bits or
from the TOH and TOHINS
inputs. These bits can be
optionally inserted via TDATI
input when in framer only
mode.
Extracts signaling bytes on the ROH output.
Frame Alignment Signal
Inserts the frame alignment
signal automatically.
Finds J2 frame alignment by searching for the
frame alignment signal.
M-bits:
4kHz Data Link
Inserts the 4 KHz data link
signal from the internal
HDLC controller or from the
bit oriented code generator.
Extracts the 4 KHz data link signal for the
internal HDLC controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com