Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 269 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 269 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 265Page - PMC-Sierra, Inc PM7347 Datasheet HTML 266Page - PMC-Sierra, Inc PM7347 Datasheet HTML 267Page - PMC-Sierra, Inc PM7347 Datasheet HTML 268Page - PMC-Sierra, Inc PM7347 Datasheet HTML 269Page - PMC-Sierra, Inc PM7347 Datasheet HTML 270Page - PMC-Sierra, Inc PM7347 Datasheet HTML 271Page - PMC-Sierra, Inc PM7347 Datasheet HTML 272Page - PMC-Sierra, Inc PM7347 Datasheet HTML 273Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
269
Document ID: PMC-1990267, Issue 3
13.5
G.751 E3 Frame Format
The S/UNI-JET provides support for the G.751 E3 frame format, shown in Figure 13. This format
can be extended to allow for direct byte mapping or PLCP mapping of ATM cells.
Figure 13 G.751 E3 Frame Structure
1
1
1
1
0
1
0
0
0
0
RAI Na
C11 C21 C31 C41
C12 C22 C32 C42
C13 C23 C33 C43 J1 J2
J3 J4
372 Payload bits
380 Payload bits
380 Payload bits
376 Payload bits
The processing of the overhead bits in the G.751 E3 frame is described in Table 39. In the
transmit direction, the overhead bits can be inserted on a bit-by-bit basis from a user supplied data
stream using the TOH, TOHINS, TOHFP, and TOHCLK signals. In the receive direction, most of
the overhead bits are brought out serially on the ROH data stream.
When used to transport ATM cells in either ATM direct mapping mode or with PLCP framing,
bits 13, 14, 15, and 16 of the E3 frame (directly following the RAI and Na bits) are set to 1, 1, 0
and 0.
Table 39 G.751 E3 Frame Overhead Operation
Control Bit
Transmit Operation
Receive Operation
Frame Alignment
Signal
Inserts the frame alignment
signal 1111010000b.
Finds frame alignment by searching for the
frame alignment signal. When the pattern has
been detected for three consecutive frames,
an in-frame condition is declared. When errors
are detected in four consecutive frames, an
OOF condition is declared.
RAI:
RAI
Optionally asserts the RAI
signal under a register
control or when LOS, OOF,
AIS and LCD conditions are
detected.
Extracts the RAI signal and outputs it on the
ROH output pin. The state of the RAI signal is
also written to a register bit.
Na:
National Use Bit
Asserts the National Use bit
under a register control or
from the internal HDLC
controller.
Extracts the National Use bit and stores the
value in a register bit.
Cjk:
Justification Service
Bits
When the device is
configured as an E3 G.751
framer device, the
Justification Service Bits can
be inserted on the TDATI
input pin the same way as
normal payload data.
When the device is
configured for ATM
application, the Justification
Service Bits are used as
payload bits.
Extracts the Justification Service Bits on the
ROH output pin when the Cjk bits are
configured as overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com