Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 325 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 325 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 321Page - PMC-Sierra, Inc PM7347 Datasheet HTML 322Page - PMC-Sierra, Inc PM7347 Datasheet HTML 323Page - PMC-Sierra, Inc PM7347 Datasheet HTML 324Page - PMC-Sierra, Inc PM7347 Datasheet HTML 325Page - PMC-Sierra, Inc PM7347 Datasheet HTML 326Page - PMC-Sierra, Inc PM7347 Datasheet HTML 327Page - PMC-Sierra, Inc PM7347 Datasheet HTML 328Page - PMC-Sierra, Inc PM7347 Datasheet HTML 329Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
325
Document ID: PMC-1990267, Issue 3
18
A.C. Timing Characteristics
(TA = -40°C to +85°C, VDD = 3.3V ±10%)
Table 50 RSTB Timing (Figure 77)
Symbol
Description
Min
Typical
Max
Units
tVRSTB
RSTB Pulse Width4
100
ns
Figure 77 RSTB Timing
RSTB
tVRSTB
Table 51 Transmit ATM Cell Interface Timing (Figure 78)
Symbol
Description
Min
Max
Units
fTFCLK
TFCLK Frequency
52
MHz
DTFCLK
TFCLK Duty Cycle
40
60
%
tSTFCLK
TENB, TADR[2:0], TDATI[15:0], TPRTY, and
TSOC Set-up time to TFCLK
3ns
tHTFCLK
TENB, TADR[2:0], TDATI[15:0], TPRTY, and
TSOC Hold time to TFCLK
1ns
tPTCA
TFCLK High to DTCA and TCA Valid
1
12
ns
tZTCA
TFCLK High to TCA Tri-state
1
10
ns
tZBTCA
TFCLK High to TCA Driven
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com