Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 323 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 323 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 319Page - PMC-Sierra, Inc PM7347 Datasheet HTML 320Page - PMC-Sierra, Inc PM7347 Datasheet HTML 321Page - PMC-Sierra, Inc PM7347 Datasheet HTML 322Page - PMC-Sierra, Inc PM7347 Datasheet HTML 323Page - PMC-Sierra, Inc PM7347 Datasheet HTML 324Page - PMC-Sierra, Inc PM7347 Datasheet HTML 325Page - PMC-Sierra, Inc PM7347 Datasheet HTML 326Page - PMC-Sierra, Inc PM7347 Datasheet HTML 327Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
323
Document ID: PMC-1990267, Issue 3
Notes
1.
Output propagation delay time is the time in nanoseconds from the 1.4 Volt point of the reference signal
to the 1.4 Volt point of the output.
2.
Maximum output propagation delays are measured with a 100 pF load on the Microprocessor Interface
data bus, (D[7:0]).
3.
A valid read cycle is defined as a logical OR of the CSB and the RDB signals.
4.
In non-multiplexed address/data bus architectures, ALE should be held high so parameters tSALR,
tHALR, tVL, tSLR, and tHLR are not applicable.
5.
Parameter tHAR is not applicable if address latching is used.
6.
When a set-up time is specified between an input and a clock, the set-up time is the time in
nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt point of the clock.
7.
When a hold time is specified between an input and a clock, the hold time is the time in nanoseconds
from the 1.4 Volt point of the input to the 1.4 Volt point of the clock.
Table 49 Microprocessor Interface Write Access (Figure 76)
Symbol
Parameter
Min
Max
Units
tSAW
Address to Valid Write Set-up Time
10
ns
tSDW
Data to Valid Write Set-up Time
20
ns
tSALW
Address to Latch Set-up Time
10
ns
tHALW
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
5
ns
tSLW
Latch to Write Set-up
0
ns
tHLW
Latch to Write Hold
5
ns
tHDW
Data to Valid Write Hold Time
5
ns
tHAW
Address to Valid Write Hold Time
5
ns
tVWR
Valid Write Pulse Width
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com