Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 320 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 320 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 316Page - PMC-Sierra, Inc PM7347 Datasheet HTML 317Page - PMC-Sierra, Inc PM7347 Datasheet HTML 318Page - PMC-Sierra, Inc PM7347 Datasheet HTML 319Page - PMC-Sierra, Inc PM7347 Datasheet HTML 320Page - PMC-Sierra, Inc PM7347 Datasheet HTML 321Page - PMC-Sierra, Inc PM7347 Datasheet HTML 322Page - PMC-Sierra, Inc PM7347 Datasheet HTML 323Page - PMC-Sierra, Inc PM7347 Datasheet HTML 324Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
320
Document ID: PMC-1990267, Issue 3
16
D.C. Characteristics
TA = -40°C to +85°C, VDD = 3.3V ±10%, VDD < BIAS < 5.5 V
(Typical Conditions: TA = 25°C, VDD = 3.3 V, VBIAS = 5 V)
Table 47 DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDD
Power Supply
2.97
3.3
3.63
Volts
BIAS
5 V Tolerant Bias
VDD
5.0
5.5
Volts
IBIAS
Current into 5 V Bias
6.0
µA
VBIAS = 5.5 V
VIL
Input Low Voltage
0
0.8
Volts
Guaranteed Input Low voltage.
VIH
Input High Voltage
2.0
BIAS
Volts
Guaranteed Input High voltage.
VOL
Output or Bi-directional
Low Voltage
0.23
0.4
Volts
Guaranteed output Low voltage at
VDD=2.97 V and IOL=maximum
rated for pad.
4, 5, 6
VOH
Output or Bi-directional
High Voltage
2.4
2.93
Volts
Guaranteed output High voltage at
VDD=2.97 V and IOH=maximum
rated current for pad.
4, 5, 6
VT-
Reset Input Low
Voltage
0.8
Volts
Applies to RSTB, TRSTB,
TICLK[4:1], RCLK[4:1], TFCLK,
RFCLK, TCK, TDI, TMS, and
REF8KI.
VT+
Reset Input High
Voltage
2.0
Volts
Applies to RSTB, TRSTB,
TICLK[4:1], RCLK[4:1], TFCLK,
RFCLK, TCK, TDI, TMS, and
REF8KI.
VTH
Reset Input Hysteresis
Voltage
0.5
Volts
Applies to RSTB, TRSTB,
TICLK[4:1], RCLK[4:1], TFCLK,
RFCLK, TCK, TDI, TMS, and
REF8KI.
IILPU
Input Low Current
-100
-60
-10
µA
VIL = GND.
1, 3
IIHPU
Input High Current
-10
0
+10
µA
VIH = VDD.
1. 3
IIL
Input Low Current
-10
0
+10
µA
VIL = GND.
2, 3
IIH
Input High Current
-10
0
+10
µA
VIH = VDD.
2, 3
CIN
Input Capacitance
6
pF
tA=25°C, f = 1 MHz
COUT
Output Capacitance
6
pF
tA=25°C, f = 1 MHz
CIO
Bi-directional
Capacitance
6pF
tA=25°C, f = 1 MHz
IDDOP1
Operating Current
165
mA
VDD = 3.63 V, Outputs Unloaded
(DS3/PLCP mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com