Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 316 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 316 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 312Page - PMC-Sierra, Inc PM7347 Datasheet HTML 313Page - PMC-Sierra, Inc PM7347 Datasheet HTML 314Page - PMC-Sierra, Inc PM7347 Datasheet HTML 315Page - PMC-Sierra, Inc PM7347 Datasheet HTML 316Page - PMC-Sierra, Inc PM7347 Datasheet HTML 317Page - PMC-Sierra, Inc PM7347 Datasheet HTML 318Page - PMC-Sierra, Inc PM7347 Datasheet HTML 319Page - PMC-Sierra, Inc PM7347 Datasheet HTML 320Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
316
Document ID: PMC-1990267, Issue 3
Figure 71 Framer Mode J2 Receive Output Stream
RDATO
RFPO/RMFPO
10
1
TS968
e1
ROVRHD
TS11
m1
0
TS978
TS977
TS976
TS976
TS977
TS978
RSCLK
TS973
TS972
TS971
Figure 72 Framer Mode J2 Receive Output Stream with RGAPCLK
RGAPCLK
RDATO
TS96 8
TS11
TS96 8
TS96 7
TS96 6
TS90 6
TS90 7
TS90 8
TS96 8
The Framer Mode J2 Receive Output Stream diagrams (Figure 71 and Figure 72) show the format
of the outputs RDATO, RFPO/RMFPO, RSCLK (and RGAPCLK), and ROVRHD when the
FRMRONLY bit in the S/UNI-JET Configuration 1 Register is set. Figure 71 shows the data
streams when the S/UNI-JET is configured for the J2 receive format. If the RXMFPO register bit
is a logic zero, RFPO is valid and will pulse high for one RSCLK cycle once each J2 frame with
alignment to the first frame alignment bit on the RDATO data stream (as shown in Figure 71). If
the RXMFPO register bit is a logic one, RMFPO is valid and will pulse high once each J2 multi-
frame aligned to the first frame alignment bit on the RDATO data output stream. ROVRHD will
be high for every overhead bit position on the RDATO data stream. The RGAPCLK output is
available in place of RSCLK when the RXGAPEN bit in the S/UNI-JET Configuration 2 Register
is set to logic one. RGAPCLK remains high during the overhead bit positions as shown in Figure
72.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com