Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 318 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 318 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 314Page - PMC-Sierra, Inc PM7347 Datasheet HTML 315Page - PMC-Sierra, Inc PM7347 Datasheet HTML 316Page - PMC-Sierra, Inc PM7347 Datasheet HTML 317Page - PMC-Sierra, Inc PM7347 Datasheet HTML 318Page - PMC-Sierra, Inc PM7347 Datasheet HTML 319Page - PMC-Sierra, Inc PM7347 Datasheet HTML 320Page - PMC-Sierra, Inc PM7347 Datasheet HTML 321Page - PMC-Sierra, Inc PM7347 Datasheet HTML 322Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
318
Document ID: PMC-1990267, Issue 3
Figure 74 Multi-PHY Polling and Addressing Receive Cell Interface
RCA
RSOC
RDAT[15:0]
RPRTY
W(n-7) W(n-6) W(n-5)
W1
W2
W3
W(n-4) W(n-3) W(n-2) W(n-1) W(n)
RFCLK
RENB
RADR[2:0]
CA(A)
CA(B)
CA(C)
CA(B)
AB
1Fh
C
1Fh
B
X
D
1Fh
E
1Fh
CA(D)
X
1Fh
DRCA[D]
RCALEVEL0=0
Figure 74 shows an example of the multi-PHY polling and selection sequence supported by the
S/UNI-JET . "A", "B", "C", "D", and "E" represent any arbitrary address values which may be
occupied by the S/UNI-JET . Initially cell data is being received from PHY “D,” and the
DRCA[D] signal shows how the DRCA[x] signals behave based on the value of the
RCALEVEL0 register bit(s). The ATM Layer device is not restricted in its polling order. The
PHY associated with address "A" indicates it does not have a cell available, but PHY "B"
indicates that it does. As a result, the ATM Layer places address "B" on RADR[2:0] the cycle
before RENB is asserted to select PHY "B" as the next cell source. In this example, PHY "C"s
status is ignored. The ATM Layer device is not constrained to select the latest PHY polled. As
soon as the cell transfer is started, the polling process may be restarted. The data on RDAT (W1,
W2, ..) may be 8-bit or 16-bits wide, depending on the setting of the ATM8 input.
During multi-PHY operation, several PHY layer devices share the RDAT[15:0], RSOC, RPRTY,
and RCA signals. As a result, these signals must be tri-stated in all PHY devices which have not
been selected for reading or polling by the ATM Layer. Selection of which PHY layer device is
being read is made by the value on RADR[2:0] the cycle before RENB is asserted and affects the
RDAT[15:0], RSOC, and RPRTY signals. The value of RADR[2:0] selects the PHY being polled
for the RCA signal, and all devices not corresponding to this address must tri-state its RCA
output. These multi-PHY operations are directly supported by the S/UNI-JET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com