Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 317 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 317 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 313Page - PMC-Sierra, Inc PM7347 Datasheet HTML 314Page - PMC-Sierra, Inc PM7347 Datasheet HTML 315Page - PMC-Sierra, Inc PM7347 Datasheet HTML 316Page - PMC-Sierra, Inc PM7347 Datasheet HTML 317Page - PMC-Sierra, Inc PM7347 Datasheet HTML 318Page - PMC-Sierra, Inc PM7347 Datasheet HTML 319Page - PMC-Sierra, Inc PM7347 Datasheet HTML 320Page - PMC-Sierra, Inc PM7347 Datasheet HTML 321Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
317
Document ID: PMC-1990267, Issue 3
Figure 73 Multi-PHY Polling and Addressing Transmit Cell Interface
TCA
TSOC
TDAT[15 :0]
TPRTY
W(n-6) W(n-5)
W1
W2
W3
W(n-4) W(n-3) W(n-2) W(n-1) W(n)
W(n-7)
W4
X
X
TFCLK
TENB
TADR[2:0]
CA(A)
CA(B)
CA(C)
CA(B)
AB
1Fh
C
1Fh
B
1Fh
A
1Fh
C
1Fh
CA(A)
X
X
DTCA[D]
TCALE VEL 0=0
Figure 73 is an example of the multi-PHY polling and selection sequence supported by the
S/UNI-JET . "A", "B", "C", and “D” represent any arbitrary address values of PHY devices which
may be occupied by the S/UNI-JET . The ATM Layer device is not restricted in its polling order.
Initially PHY “D” is accepting a cell and the direct TCA for that PHY is shown as DTCA[D]. The
effect of TCALEVEL0 is indicated with a dashed line in the figure. The PHY associated with
address "A" indicates it cannot accept a cell, but PHY "B" indicates it is willing to accept a cell.
As a result, the ATM Layer places address "B" on TADR[2:0] the cycle before TENB is asserted
to select PHY "B" as the next cell destination. In this example, the PHY "C" status is ignored. The
ATM Layer device is not constrained to select the latest PHY polled. As soon as the cell transfer
is started, the polling process may be restarted. The data on TDATI (W1, W2, ..) may be 8-bit or
16-bits wide, depending on the setting of the ATM8 input.
During multi-PHY operation, several PHY layer devices share the TCA signal. As a result, this
signals must be tri-stated in all PHY devices which have not been selected for polling by the ATM
Layer. The value of TADR[2:0] selects the PHY being polled for the TCA signal, and all devices
not corresponding to this address must tri-state its TCA output. This multi-PHY operation is
directly supported by the S/UNI-JET .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com