Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 313 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 313 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 309Page - PMC-Sierra, Inc PM7347 Datasheet HTML 310Page - PMC-Sierra, Inc PM7347 Datasheet HTML 311Page - PMC-Sierra, Inc PM7347 Datasheet HTML 312Page - PMC-Sierra, Inc PM7347 Datasheet HTML 313Page - PMC-Sierra, Inc PM7347 Datasheet HTML 314Page - PMC-Sierra, Inc PM7347 Datasheet HTML 315Page - PMC-Sierra, Inc PM7347 Datasheet HTML 316Page - PMC-Sierra, Inc PM7347 Datasheet HTML 317Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
313
Document ID: PMC-1990267, Issue 3
The Framer Mode G.751 E3 Transmit Input Stream diagrams (Figure 61 and Figure 62) show the
expected format of the inputs TDATI, TFPI/TMFPI, and TICLK and the output TFPO/TMFPO
(and TGAPCLK) when the FRMRONLY bit in the S/UNI-JET Configuration 1 Register is set,
and the S/UNI-JET is configured for the E3 G.751 transmit format. TFPI or TMFPI pulses high
for one TICLK cycle and is aligned to the first bit of the frame alignment signal in the G.751 E3
input data stream on TDATI. TFPO or TMFPO will pulse high for one out of every 1536 TICLK
cycles, providing upstream equipment with a reference frame pulse. The alignment of TFPO or
TMFPO is arbitrary. There is no set relationship between TFPO/TMFPO and TFPI/TMFPI. The
TGAPCLK output is available in place of TFPO/TMFPO when the TXGAPEN bit in the S/UNI-
JET Configuration 2 Register is set to logic one, as in Figure 62. TGAPCLK remains high during
the overhead bit positions. TDATI is sampled on the falling edge of TGAPCLK.
Figure 63 Framer Mode G.751 E3 Receive Output Stream
RDATO
bit 1536
0
RFPO/RMFPO
Nat
RAI
1
1
1
10
1
0
0
bit 1531
bit 1529
bit 1530
bit 1532 bit 1533 bit 1534
bit 1535
ROVRHD
0
bit13
RSCLK
Figure 64 Framer Mode G.751 E3 Receive Output Stream with RGAPCLK
RGAPCLK
RDATO
bit 1536
bit 1531
bit 1529
bit 1530
bit 1532
bit 1533
bit 1534
bit 1535
bit13
The Framer Mode G.751 E3 Receive Output Stream diagrams (Figure 63 and Figure 64) show the
format of the outputs RDATO, RFPO/RMFPO, RSCLK (and RGAPCLK), and ROVRHD when
the FRMRONLY and the 8KREFO bits in the S/UNI-JET Configuration 1 Register are set to
logic one and logic zero respectively. Figure 63 shows the data streams when the S/UNI-JET is
configured for the E3 G.751 receive format. RFPO or RMFPO pulses high for one RSCLK cycle
and is aligned to the first bit of the framing alignment signal in the G.751 E3 output data stream
on RDATO. ROVRHD will be high for every overhead bit position on the RDATO data stream. If
the PYLD&JUST register bit in the E3 FRMR Maintenance Options Register is set to logic zero,
the Cjk and Pk bits in the RDATO stream will be marked as overhead bits. If the PYLD&JUST
register bit is set to logic one, the Cjk and Pk bits in the RDATO stream will be marked as
payload. The RGAPCLK output is available in place of RSCLK when the RXGAPEN bit in the
S/UNI-JET Configuration 2 Register is set to logic one. RGAPCLK remains high during the
overhead bit positions as shown in Figure 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com