| Electronic Components Datasheet Search |
|
PM7347 Datasheet(PDF) 311 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7347 Datasheet(HTML) 311 Page - PMC-Sierra, Inc |
|
311 / 341 page ![]() S/UNI®-JET Data Sheet Released Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 311 Document ID: PMC-1990267, Issue 3 Figure 57 Framer Mode DS3 Transmit Input Stream TDATI INFO 84 TFPI/TMFPI INFO 84 INFO 83 INFO 82 X1 INFO 2 INFO 1 X2 INFO 1INFO 2INFO 3 INFO 84 INFO 82 INFO 83 F4 INFO 82 INFO 83 TFPO/TMFPO TICLK Figure 58 Framer Mode DS3 Transmit Input Stream With TGAPCLK TGAPCLK TDATI INFO 1 INFO 83 INFO 82 INFO 81 INFO 3 INFO 2 INFO 2 INFO 3 INFO 4 INFO 1 INFO 83 INFO 84 INFO 83 INFO 84 TICLK INFO 1 The Framer Mode DS3 Transmit Input Stream diagrams (Figure 57 and Figure 58) show the expected format of the inputs TDATI and TFPI/TMFPI along with TICLK and the output TFPO/TMFPO when the FRMRONLY bit in the S/UNI-JET Configuration 1 Register is set, and the S/UNI-JET is configured for the DS3 transmit format. If the TXMFPI register bit is logic zero, then TFPI is valid, and the S/UNI-JET will expect TFPI to pulse for every DS3 overhead bit with alignment to TDATI. If the TXMFPI register bit is logic one, then TMFPI is valid, and the S/UNI-JET will expect TMFPI to pulse once every DS3 M-frame with alignment to TDATI. If the TXMFPO register bit is logic zero, then TFPO is valid, and the S/UNI-JET will pulse TFPO once every 85 TICLK cycles, providing upstream equipment with a reference DS3 overhead pulse. If the TXMFPO register bit is logic one, then TMFPO is valid and the S/UNI-JET will pulse TMFPO once every 4760 TICLK cycles, providing upstream equipment with a reference M- frame pulse. The alignment of TFPO or TMFPO is arbitrary. There is no set relationship between TFPO/TMFPO and TFPI/TMFPI. The TGAPCLK output is available in place of TFPO/TMFPO when the TXGAPEN bit in the S/UNI-JET Configuration 2 Register is set to logic one, as in Figure 58. TGAPCLK remains high during the overhead bit positions. TDATI is sampled on the falling edge of TGAPCLK. Figure 59 Framer Mode DS3 Receive Output Stream RDATO INFO 84 RFPO/RMFPO INFO 84 INFO 83 INFO 82 X1 INFO 2 INFO 1 X2 INFO 1INFO 2INFO 3 INFO 84 INFO 82 INFO 83 F4 INFO 82 INFO 83 ROVRHD RSCLK] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |