Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 307 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 307 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc PM7347 Datasheet HTML 305Page - PMC-Sierra, Inc PM7347 Datasheet HTML 306Page - PMC-Sierra, Inc PM7347 Datasheet HTML 307Page - PMC-Sierra, Inc PM7347 Datasheet HTML 308Page - PMC-Sierra, Inc PM7347 Datasheet HTML 309Page - PMC-Sierra, Inc PM7347 Datasheet HTML 310Page - PMC-Sierra, Inc PM7347 Datasheet HTML 311Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
307
Document ID: PMC-1990267, Issue 3
Figure 52 Transmit DS3 Overhead
TOHFP
TOHCLK
TOHCLK
TOH
TOHFP
X1
F1
C1
F2
C2
F3
C3
DS3 M-frame Period
TOHINS
The Transmit DS3 Overhead diagram (Figure 52) shows the insertion of DS3 overhead bits using
the TOH input, along with the overhead insertion enable input, TOHINS. The TOHFP output is
set to logic one once per DS3 M-frame period (during the X1 bit position). In Figure 52, the data
sampled on TOH during the X1, C1, F2, and C2 bit positions is inserted into the DS3 overhead
bits in the transmit stream. The F1, F3, and C3 overhead bits are internally generated by the
S/UNI-JET . Table 45 illustrates the overhead bit order on TOH:
Table 45 DS3 Transmit Overhead Bits
DS3 Overhead Bits
M-subframe
123
45
67
8
1
X1
F1
C1
F2
C2
F3
C3
F4
2X2
F1
C1
F2
C2
F3
C3
F4
3P1
F1
C1
F2
C2
F3
C3
F4
4P2
F1
C1
F2
C2
F3
C3
F4
5
M1
F1
C1
F2
C2
F3
C3
F4
6
M2
F1
C1
F2
C2
F3
C3
F4
7
M3
F1
C1
F2
C2
F3
C3
F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com