Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 303 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 303 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc PM7347 Datasheet HTML 305Page - PMC-Sierra, Inc PM7347 Datasheet HTML 306Page - PMC-Sierra, Inc PM7347 Datasheet HTML 307Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
303
Document ID: PMC-1990267, Issue 3
The Transmit E1 Stream diagram (Figure 44) illustrates the generation of E1 frame alignment
indicators on TOHM when the S/UNI-JET is configured for E1 PLCP or non-PLCP frame
formats. The S/UNI-JET flywheels using its internal timeslot counter to generate TOHM. The
ATM cell stream is inserted in TDATO, along with a framing bit placeholder every 256 bit
periods. An upstream E1 framer (such as the PM6341A E1XC or PM6344 EQUAD) must be used
to insert the appropriate E1 framing pattern. Note: TCLK is a flow through version of TICLK; a
variable propagation delay exists between these two signals.
Figure 45 Transmit Bipolar DS3 Stream
TCLK
TPOS
TNEG
TICLK
11
0
01
0
0
The Transmit Bipolar DS3 Stream diagram (Figure 45) illustrates the generation of a bipolar DS3
stream. The B3ZS encoded DS3 stream is present on TPOS and TNEG. These outputs, along with
the transmit clock, TCLK, can be directly connected to a DS3 line interface unit. Note: TCLK is a
flow through version of TICLK; a variable propagation delay exists between these two signals.
Figure 46 Transmit Unipolar DS3 Stream
TCLK
TDATO
Nib 1
Bit 4
TOHM
TICLK
X1
X1
Nib 1
Bit 4
Nib 1190
Bit 1
Nib 22
Bit 4
X2
Nib 21
Bit 1
The Transmit Unipolar DS3 Stream diagram (Figure 46) illustrates the unipolar DS3 stream
generation. The ATM cell stream, along with valid DS3 overhead bits is contained in TDATO.
The TOHM output marks the M-frame boundary (the X1 bit) in the transmit stream. Note: TCLK
is a flow through version of TICLK; a variable propagation delay exists between these two
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com