Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 301 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 301 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 297Page - PMC-Sierra, Inc PM7347 Datasheet HTML 298Page - PMC-Sierra, Inc PM7347 Datasheet HTML 299Page - PMC-Sierra, Inc PM7347 Datasheet HTML 300Page - PMC-Sierra, Inc PM7347 Datasheet HTML 301Page - PMC-Sierra, Inc PM7347 Datasheet HTML 302Page - PMC-Sierra, Inc PM7347 Datasheet HTML 303Page - PMC-Sierra, Inc PM7347 Datasheet HTML 304Page - PMC-Sierra, Inc PM7347 Datasheet HTML 305Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
301
Document ID: PMC-1990267, Issue 3
Figure 41 Receive J2 Overhead
The Receive J2 Overhead diagram (Figure 41) shows the extraction of the J2 overhead bits on the
ROH output, along with overhead clock (ROHCLK), and frame position indicator (ROHFP).
ROHCLK is a gapped clock with a maximum instantaneous rate equal to the RCLK frequency.
ROHFP pulses on the first bit of TS97 in the first frame of each J2 multiframe.
Figure 42 Receive PLCP Overhead
RPOHFP
RPOHCLK
F1
octe t
M1
octe t
M2
octe t
G1
octe t
B1
octe t
Z1
octe t
Z2
octe t
RPOHCLK
B
5
B
4
B
6
B
3
B
7
B
2
B
1
RPOH
B
5
B
4
B
6
B
3
B
7
B
2
B
8
B
1
B
8
B
8
B
1
RPOHFP
F1 Octet
B1 Octet
TS97
TS98
F-bits
TS1
012
3
4
56
7
0
1
2
3
4
56
7
1
1
0
0
m
X
X
Frame 1
Frames 2, 3, 4
RCLK
ROH
ROHFP
ROHCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com